Electronic Components Datasheet Search
  English  ▼

X  

IR2431 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IR2431
Description  LED for Bar Graphic Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IR2431 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IR2431 Datasheet HTML 1Page - List of Unclassifed Manufacturers IR2431 Datasheet HTML 2Page - List of Unclassifed Manufacturers IR2431 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
127
LED for Bar Graphic Display
s Absolute Maximum Ratings (Figures shown below are values per segment.)
Series
R
H
M
R
H
M
Radiation color
Red
Yellow
Yellow-green
Red
Red
Yellow
Yellow-green
Red
Power dissipation
P
(mW)
25
50
38
25
23
84
84
23
Forward current
I
F
(mA)
10
20
15
10
10
30
30
10
Peak forward current
*1
I
FM
(mA)
50
50
50
50
50
50
50
50
Derating factor
(mA/˚C)
DC
0.18
0.36
0.27
0.18
0.13
0.40
0.40
0.13
Pulse
0.91
0.91
0.91
0.91
0.67
0.67
0.67
0.67
Reverse voltage
V
R
(V)
5
5
5
5
5
5
5
5
Operating temperature
T
opr.
(˚C)
-20 to +70
-20 to +70
-20 to +70
-25 to +85
-25 to +85
-25 to +85
Storage temperature
T
stg.
(˚C)
-30 to +80
-30 to +80
-30 to +80
-25 to +100
-25 to +100
-25 to +100
*1 Duty retio=1/10, Pulse width=0.1ms
s Electro-optical Characteristics (Figures shown below are values per segment.)
Series
R
H
M
R
H
M
Radiation color
Red
Yellow
Yellow-green
Red
Red
Yellow
Yellow-green
Red
MAX.
2.5
2.5
2.5
2.5
2.3
2.8
2.8
2.3
Luminous intensity
I
V(mcd)
MIN.
0.15
0.2
0.2
0.15
0.3
1.5
0.6
0.3
TYP.
0.3
0.5
0.5
0.3
0.9
5.0
1.4
0.9
Peak emission wavelength
λp(nm)
TYP.
695
585
565
695
695
585
565
695
Spectrum radiation bandwidth
∆λ(nm)
TYP.
100
30
30
100
100
30
30
100
I
F
(mA)
5
10
10
5
5
20
20
5
Reverse current
I
R(
µA)
MAX.
10
10
10
10
10
10
10
10
V
R
(V)
4
4
4
4
4
4
4
4
Forward voltage
(V)
TYP.
1.9
1.9
2.0
1.9
1.9
2.0
2.1
1.9
VF
Characteristics Diagrams
* As for current conditions, refer to I
F in electro-optical characteristics
0
5
10
15
20
25
30
35
-20
0
20
40
60
100
80
Forward Current Derating Curve
Ambient temperature Ta(˚C)
All-resin
H series
Case mold
H series
Case mold
R series
All-resin
R series
0
10
20
30
40
50
60
70
-20
0
20
40
60
100
80
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
All-resin
Case mold
0.5
2
1
3
5
10
20
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Forward Current vs. Forward Voltage
Forward voltage VF(V)
(Ta=25˚C)
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
H series
R series
1
2
5
200
100
20
50
10
500
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current
Forward current IF(mA)
(Ta=25˚C)
R series
H series
10
20
50
200
100
500
1000
-20
0
20
40
60
100
80
Luminous Intensity vs. Ambient Temperature
Ambient temperature Ta(˚C)
H series
R series
5
10
30
50
100
300
500
1/50
1/20
1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
(*)
R series
All-resin
H series
Case mold H series


Similar Part No. - IR2431

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IR2431 SHARP-IR2431 Datasheet
220Kb / 3P
12-Dot LED Display Driver
IR2431 SHARP-IR2431 Datasheet
87Kb / 1P
LED/LCD Level Meter Drivers
More results

Similar Description - IR2431

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD101-22Y8G-XX-P4 LIGITEK-LBD101-22Y8G-XX-P4 Datasheet
102Kb / 9P
BAR DIGIT LED DISPLAY
LBD101-24-XX-P3-PF LIGITEK-LBD101-24-XX-P3-PF Datasheet
156Kb / 9P
BAR DIGIT LED DISPLAY
LBD101-26F-XX-PF LIGITEK-LBD101-26F-XX-PF Datasheet
131Kb / 9P
BAR DIGIT LED DISPLAY
LBD142A-XX-RP25 LIGITEK-LBD142A-XX-RP25 Datasheet
145Kb / 10P
BAR DIGIT LED DISPLAY
LBD336C-XXB LIGITEK-LBD336C-XXB Datasheet
190Kb / 10P
BAR DIGIT LED DISPLAY
LBD356B-XX LIGITEK-LBD356B-XX Datasheet
181Kb / 11P
BAR DIGIT LED DISPLAY
LBD801-29-XX LIGITEK-LBD801-29-XX Datasheet
148Kb / 8P
LIGHT BAR LED DISPLAY
LBD2014-XX LIGITEK-LBD2014-XX Datasheet
109Kb / 7P
LIGHT BAR LED DISPLAY
LBD1G1-2-HG3Y-XX-PF LIGITEK-LBD1G1-2-HG3Y-XX-PF Datasheet
156Kb / 11P
BAR DIGIT LED DISPLAY
LBD1311URFUGHYS-XX-RP55 LIGITEK-LBD1311URFUGHYS-XX-RP55 Datasheet
169Kb / 10P
BAR GRAPM LED DISPLAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com