Electronic Components Datasheet Search
  English  ▼

X  

33608 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 33608
Description  33000 SERIES APPLICATION SPECIFIC ADAPTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

33608 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  33608 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SURFBOARDS R
THE BREADBOARDING MEDIUM FOR
SURFACE MOUNT TM
CAPITAL ADVANCED TECHNOLOGIES, INC.
CAROL STREAM, ILLINOIS. USA
PHONE 630-690-1696
FAX 630-690-2498
WWW.CapitalAdvanced.Com
Copyright 2011 by Capital Advanced Technologies, Inc. All rights reserved. Surfboards is a registered trademark of Capital Advanced Technologies, Inc. The Breadboarding medium for surface mount, Just add parts and plug-
in., and the Leaf Circuit Logo are trademarks of Capital Advanced Technologies, Inc. All other trademarks are the property of their respective owners. Specifications, availability, and price is subject to change without notice. All
information given is believed to be accurate but is not guaranteed. The user of information given or products represented by such information is responsible for determining the suitability of said information or products for a given
purpose. No inducement is intended or permission granted for infringement of any patent or unauthorized use of any intellectual property of Capital Advanced Technologies or others.
MADE
IN
USA
33000 SERIES APPLICATION SPECIFIC ADAPTERS
33608
MODEL
FIG.
MM
IN.
NOTE:
A
20.32
.800
BOARD WIDTH +- .5mm .020in.
B
10.16
.400
BOARD HEIGHT +-.5mm .020in.
C
2.54
.100
SIP PIN SPACE +-.20mm .008in.
D
2.8
.110
PAD CENTERLINE
E
.65
.025
DEVICE LEAD PITCH
F
2.0
.079
PAD LENGTH
G
.4
.016
PAD WIDTH
H
.8
.031
GAP
I
3.4
.134
MAX LEAD WIDTH
J
1.9
.075
TYPICAL LEAD WIDTH
J1
2.0
.079
ALTERNATE LEAD WIDTH
J2
2.8
.110
ALTERNATE LEAD WIDTH
J3
2.8
.110
ALTERNATE PACKAGE
P
3.3
.130
LENGTH FROM SHOULDER +-.5mm .020in.
S
1.57
.062
PIN SHOULDER HEGHT
W
.5
.020
PIN WIDTH
MOUNTING PADS ARE OVERSIZED IN LENGTH TO
ACCEPT A WIDER RANGE OF DEVICE WIDTHS AND
TOLERANCES AND TO PERMIT HAND SOLDERING.
SEE WEBSITE FOR SOLDERING SUGGESTIONS
SINGLE-IN-LINE ( SIP ) PINS
ON .100 in. CENTERS
PAD SET
BOARD SPECIFICATIONS
BOARD MATERIAL: .8mm, +-.13mm .031in+-..005 in.
Thick G-10 FR-4 Glass Epoxy or equivalent.
CIRCUITS: 1 oz. Copper with RoHS compliant Lead Free
solder coating. Patten Position on board +- .5mm .020in.
TOLERANCES: If not noted are +- 20%. Nominal values are given. Controlling unit is Millimeters.
Values rounded to nearest decimal. Slight Variations due to manufacturing process can occur.
ACCEPTS
8 LEAD .65 mm PITCH DEVICES
IDS33608
ALWAYS CONSULT DEVICE DATA SHEET TO INSURE PROPER FIT
PARTIAL LISTING
RoHS
Compliant
EC 2002/95
DEVICE LEAD WIDTHS
1.9, 2.0, 2.8, To Max 3.8 MM
ALPHA
OMEGA
DFN 3x2A-8L-NEP-P
ANALOG
RJ-8, UJ-8
PANASONIC
WMini8-F1
ROHM
TSMT-8, TSST-8
RENESAS
VSOF (1629) 8 PIN, VSOF (2429) 8 PIN
TEXAS INST.
DCN (R-PDSO-G8) SSOP
VISHAY
1206-8
TOSHIBA
PS-8, VS-8
SOT-23-8, SOT-28, TSOT-23-8
EXAMPLE DEVICES (J)
MAX DEVICE WIDTH (I)
DRAWINGS
NOT TO
SCALE
I
REV A- 10-2011


Similar Part No. - 33608

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3360 BOURNS-3360 Datasheet
162Kb / 2P
6 mm Square Sealed Panel Control
logo
KR Electronics, Inc.
3360 KR-3360 Datasheet
116Kb / 3P
KR Electronics part number 3360 is a 60 MHz Bandpass filter.
logo
List of Unclassifed Man...
3360 ETC2-3360 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3360 HEYCO-3360 Datasheet
176Kb / 1P
Standoff Cable Holders - Arrowhead Mount
logo
Christian Bürkert GmbH ...
3360 BURKERT-3360 Datasheet
2Mb / 26P
Electromotive 2-way angle seat control valve
05.09.2023
More results

Similar Description - 33608

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06031C222KAZ2A AVX-06031C222KAZ2A Datasheet
6Mb / 135P
Application Specific MLCs
06031C271KAZ2A AVX-06031C271KAZ2A Datasheet
6Mb / 135P
Application Specific MLCs
logo
International Rectifier
IRF6655TR1PBF IRF-IRF6655TR1PBF Datasheet
277Kb / 10P
Application Specific MOSFETs
logo
Murata Manufacturing Co...
1303353 MURATA-1303353 Datasheet
1Mb / 30P
Application Specific Capacitors
logo
International Rectifier
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
Application Specific MOSFETs
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
Application Specific MOSFETs
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
Application Specific MOSFETs
logo
List of Unclassifed Man...
33105 ETC2-33105 Datasheet
117Kb / 1P
APPLICATION SPECIFIC ADAPTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com