Electronic Components Datasheet Search
  English  ▼

X  

1419086 Datasheet(PDF) 16 Page - PHOENIX CONTACT

Part # 1419086
Description  SAC-3P-20,0-961/M12FS VA - Bus system cable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1419086 Datasheet(HTML) 16 Page - PHOENIX CONTACT

Back Button 1419086 Datasheet HTML 8Page - PHOENIX CONTACT 1419086 Datasheet HTML 9Page - PHOENIX CONTACT 1419086 Datasheet HTML 10Page - PHOENIX CONTACT 1419086 Datasheet HTML 11Page - PHOENIX CONTACT 1419086 Datasheet HTML 12Page - PHOENIX CONTACT 1419086 Datasheet HTML 13Page - PHOENIX CONTACT 1419086 Datasheet HTML 14Page - PHOENIX CONTACT 1419086 Datasheet HTML 15Page - PHOENIX CONTACT 1419086 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
SACC-M12FS-4QO SH PBPA - Data connector
1413934
https://www.phoenixcontact.com/us/products/1413934
Data connector, PROFIBUS (31.25 kbps), 2-position, halogen-free, shielded,
Socket straight M12, A, Insulation displacement connection, knurl material: Zinc
die-cast, nickel-plated, external cable diameter 5 mm ... 9.7 mm
SACC-M12MS-4QO SH PBPA - Data connector
1413933
https://www.phoenixcontact.com/us/products/1413933
Data connector, PROFIBUS (31.25 kbps), 2-position, halogen-free, shielded,
Plug straight M12, A, Insulation displacement connection, knurl material: Zinc
die-cast, nickel-plated, external cable diameter 5 mm ... 9.7 mm
Phoenix Contact 2023 © - all rights reserved
https://www.phoenixcontact.com
Phoenix Contact USA
586 Fulling Mill Road
Middletown, PA 17057, United States
(+717) 944-1300
info@phoenixcon.com
SAC-3P-20,0-961/M12FS VA - Bus system cable
1419086
https://www.phoenixcontact.com/us/products/1419086
Jun 14, 2023, 6:05 AM
Page 16 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com