Electronic Components Datasheet Search
  English  ▼

X  

1420003 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1420003
Description  SACC-SQ-M12FS-4CON-25F/0,5 - Device connector front mounting
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1420003 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1420003 Datasheet HTML 1Page - PHOENIX CONTACT 1420003 Datasheet HTML 2Page - PHOENIX CONTACT 1420003 Datasheet HTML 3Page - PHOENIX CONTACT 1420003 Datasheet HTML 4Page - PHOENIX CONTACT 1420003 Datasheet HTML 5Page - PHOENIX CONTACT 1420003 Datasheet HTML 6Page - PHOENIX CONTACT 1420003 Datasheet HTML 7Page - PHOENIX CONTACT 1420003 Datasheet HTML 8Page - PHOENIX CONTACT 1420003 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Device connector front mounting, 4-position, Socket, straight, M12, coding: A , Front mounting,
Square flange, Individual wires, cable length: 0.5 m, 0.34 mm2, TPE litz wire, Alternative product
in accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.: 1239291
Your advantages
Pre-assembled with litz wires for immediate use
•
Customer-specific assemblies and litz wire lengths available
•
Sealed on the litz wire side for optimum leak-tightness
•
All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
•
For high transmission safety: shield connection to the housing with optional EMC nut
•
SPEEDCON fast locking system reduces cabling times
•
Commercial Data
Item number
1420003
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
AB24
Product Key
ABQCDD
Catalog Page
Page 43 (C-2-2019)
GTIN
4046356533829
Weight per Piece (including packing)
36 g
Weight per Piece (excluding packing)
25.3 g
Customs tariff number
85444290
Country of origin
DE
SACC-SQ-M12FS-4CON-25F/0,5 - Device connector
front mounting
1420003
https://www.phoenixcontact.com/us/products/1420003
Jun 14, 2023, 6:16 AM
Page 1 (12)


Similar Part No. - 1420003

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1420011 PHOENIX-1420011 Datasheet
243Kb / 6P
HC-STA-B24-HHFD-BLANK-EL-AL - Housing
logo
TE Connectivity Ltd
1420011-1 TEC-1420011-1 Datasheet
5Mb / 64P
GET.64 Interconnection System
Revised 4-2010.
1420011-2 TEC-1420011-2 Datasheet
5Mb / 64P
GET.64 Interconnection System
Revised 4-2010.
1420011-3 TEC-1420011-3 Datasheet
5Mb / 64P
GET.64 Interconnection System
Revised 4-2010.
logo
PHOENIX CONTACT
1420044 PHOENIX-1420044 Datasheet
260Kb / 7P
HC-STA-B16-HHWD-BLANK-EL-AL - Housing
More results

Similar Description - 1420003

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1456420 PHOENIX-1456420 Datasheet
404Kb / 10P
SACC-SQ-M12FS-4CON-20-L180 - Device connector front mounting
1440973 PHOENIX-1440973 Datasheet
500Kb / 11P
SACC-SQ-M12MS-5CON-25F/0,5 - Device connector front mounting
1441561 PHOENIX-1441561 Datasheet
482Kb / 10P
SACC-SQ-M12MS-8CON-25F/0,5 - Device connector front mounting
1419797 PHOENIX-1419797 Datasheet
520Kb / 12P
SACC-SQ-M12FS-4CON-20/0,5 - Device connector front mounting
1419991 PHOENIX-1419991 Datasheet
524Kb / 12P
SACC-SQ-M12MS-4CON-25F/0,5 - Device connector front mounting
1440986 PHOENIX-1440986 Datasheet
1Mb / 12P
SACC-SQ-M12FS-5CON-25F/0,5 - Device connector front mounting
1441574 PHOENIX-1441574 Datasheet
488Kb / 11P
SACC-SQ-M12FS-8CON-25F/0,5 - Device connector front mounting
1419784 PHOENIX-1419784 Datasheet
521Kb / 12P
SACC-SQ-M12MS-4CON-20/0,5 - Device connector front mounting
1441600 PHOENIX-1441600 Datasheet
427Kb / 10P
SACC-SQ-M12MS-17CON-25F/0,5 - Device connector front mounting
1441613 PHOENIX-1441613 Datasheet
430Kb / 11P
SACC-SQ-M12FS-17CON-25F/0,5 - Device connector front mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com