Electronic Components Datasheet Search
  English  ▼

X  

BGY241 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGY241
Description  UHF amplifier module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY241 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGY241 Datasheet HTML 1Page - NXP Semiconductors BGY241 Datasheet HTML 2Page - NXP Semiconductors BGY241 Datasheet HTML 3Page - NXP Semiconductors BGY241 Datasheet HTML 4Page - NXP Semiconductors BGY241 Datasheet HTML 5Page - NXP Semiconductors BGY241 Datasheet HTML 6Page - NXP Semiconductors BGY241 Datasheet HTML 7Page - NXP Semiconductors BGY241 Datasheet HTML 8Page - NXP Semiconductors BGY241 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 Sep 09
2
Philips Semiconductors
Product specification
UHF amplifier module
BGY241
FEATURES
• 3.5 V nominal supply voltage
• 35 dBm output power
• Easy output power control by DC voltage.
APPLICATIONS
• Digital cellular radio systems with Time Division Multiple
Access (TDMA) operation (GSM systems) in the
880 to 915 MHz frequency range.
DESCRIPTION
The BGY241 is a three-stage UHF amplifier module in a
SOT482C leadless package with a plastic cover.
The module consists of one NPN silicon planar transistor
die and one bipolar monolithic integrated circuit mounted
together with matching and bias circuit components on a
metallized ceramic substrate.
PINNING - SOT482C
PIN
DESCRIPTION
1
RF input
2VC
3VS
4
RF output
5
ground
handbook, halfpage
MBK201
Bottom view
43
2
5
1
Fig.1 Simplified outline.
QUICK REFERENCE DATA
RF performance at Tmb =25 °C.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
MODE OF
OPERATION
f
(MHz)
VS
(V)
VC
(V)
PL
(dBm)
Gp
(dB)
η
(%)
ZS;ZL
(
Ω)
Pulsed;
δ = 1 : 8
880 to 915
3.5
≤2.2
35.2
≥35.2
typ. 43
50
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VS
DC supply voltage
VC = 0; PD =0mW
−
7V
VC ≥ 0.2 V
−
5.5
V
VC
DC control voltage
−
2.7
V
PD
input drive power
−
10
dBm
PL
load power
−
36
dBm
Tstg
storage temperature
−40
+100
°C
Tmb
operating mounting base temperature
−30
+100
°C
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com