Electronic Components Datasheet Search
  English  ▼

X  

MPC5553AVZ80 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPC5553AVZ80
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553AVZ80 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC5553AVZ80 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
20
3.10
eQADC Electrical Characteristics
20
Frequency Modulation Range Limit 14
(fsysMax must not be exceeded)
Cmod
0.8
2.4
%fsys
21
ICO Frequency.
fico=[fref*(MFD+4)]/(PREDIV+1)
15
fico
48
fsys
MHz
22
Predivider Output Frequency (to PLL)
fPREDIV
4fMAX
MHz
1 All internal registers retain data at 0 Hz.
2 Up to the maximum frequency rating of the device (see Table 1).
3 “Loss of Reference Frequency” is the reference frequency detected internally, which transitions the PLL into self clocked mode.
4 Self clocked mode (SCM) frequency is the frequency that the PLL operates at when the reference frequency falls below f
LOR.
This frequency is measured on the CLKOUT pin with the divider set to divide-by-2 of the system clock. NOTE: In SCM, the
MFD and PREDIV have no effect and the RFD is bypassed.
5 This parameter is meant for those who do not use quartz crystals or resonators, but CAN osc, in crystal mode. In that case,
Vextal – Vxtal >= 400mV criteria has to be met for oscillator’s comparator to produce output clock.
6 This parameter is meant for those who do not use quartz crystals or resonators, but CAN osc, in crystal mode. In that case,
Vxtal –Vextal >= 400mV criteria has to be met for oscillator’s comparator to produce output clock.
7 I
xtal is the oscillator bias current out of the XTAL pin with both EXTAL and XTAL pins grounded.
8 C
PCB_EXTAL and CPCB_XTAL are the measured PCB stray capacitances on EXTAL and XTAL, respectively
9 This specification applies to the period required for the PLL to relock after changing the MFD frequency control bits in the
synthesizer control register (SYNCR). From power up with crystal oscillator reference, the lock time will also include the crystal
startup time.
10 PLL is operating in 1:1 PLL mode.
11 VDDE = 3.0 to 3.6V
12 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum f
sys.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise
injected into the PLL circuitry via VDDSYN and VSSSYN and variation in crystal oscillator frequency increase the jitter percentage
for a given interval. CLKOUT divider set to divide-by-2.
13 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of jitter + Cmod.
14 Modulation depth selected must not result in f
sys value greater than the fsys maximum specified value.
15 f
sys = fico / (2
RFD)
Table 13. eQADC Conversion Specifications (Operating)
Num
Characteristic
Symbol
Min
Max
Unit
1
ADC Clock (ADCLK) Frequency1
FADCLK
112
MHz
2
Conversion Cycles
Differential
Single Ended
CC
13+2 (or 15)
14+2 (or 16)
13+128 (or 141)
14+128 (or 142)
ADCLK
cycles
3
Stop Mode Recovery Time2
TSR
10
—
µs
4
Resolution3
—1.25
—
mV
5
INL: 6 MHz ADC Clock
INL6
–4
4
Counts3
6
INL: 12 MHz ADC Clock
INL12
–8
8
Counts
Table 12. HiP7 FMPLL Electrical Specifications (continued)
(VDDSYN = 3.0V to 3.6 V, VSS = VSSSYN = 0 V, TA = TL to TH)
Num
Characteristic
Symbol
Min.
Value
Max.
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com