Electronic Components Datasheet Search
  English  ▼

X  

OM7500SC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM7500SC
Description  DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM7500SC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM7500SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7500SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7500SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7500SC Datasheet HTML 4Page - List of Unclassifed Manufacturers OM7500SC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3.3 - 122
3.3
OM7500SC
ELECTRICAL CHARACTERISTICS +5 Volt V
IN = 10V, Io = 500mA, -55°C
TA 125°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Output Voltage
VOUT
TA = 25°C
4.92
5.08
V
VIN = 7.5V to 20V
•
4.85
5.15
V
Line Regulation
VRLINE
VIN = 7.5V to 20V
5
mV
(Note 1)
•
12
mV
VIN = 8.0V to 12V
4
mV
•
10
mV
Load Regulation
VRLOAD
IO = 5mA to 1.5 Amp
12
mV
(Note 1)
•
25
mV
IO = 250mA to 750 mA
6
mV
•
15
mV
Standby Current Drain
ISCD
6mA
•
6.5
mA
Standby Current Drain
D
ISCD
VIN = 7.5V to 20V
•
0.8
mA
Change With Line
(Line)
Standby Current Drain
D
ISCD
IO = 5mA to 1000mA
•
0.5
mA
Change With Load
(Load)
Dropout Voltage
VDO
TA = 25°C, DVOUT = 100mV, IO = 1.0A
2.5
V
Peak Output Current
IO (pk)
TA = 25°C
1.5
3.3
A
Short Circuit Current
IDS
VIN = 35V
1.2
A
(Note 2)
•
2.8
A
Ripple Rejection
D
VIN
f =120 Hz, DVIN = 10V
66
dB
D
VOUT
(Note 3)
•
60
dB
Output Noise Voltage
NO
TA = 25°C, f =10 Hz to 100KHz
40
µV/V
(Note 3)
RMS
Long Term Stability
D
VOUT
TA = 25°C, t = 1000 hrs.
75
mV
(Note 3)
D
t
INDIVIDUAL POSITIVE REGULATORS
ELECTRICAL CHARACTERISTICS +12 Volt V
IN = 19V, Io = 500mA, -55°C
TA 125°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Output Voltage
VOUT
TA = 25°C
11.88
12.12
V
VIN = 14.5V to 27V
•
11.64
12.36
V
Line Regulation
VRLINE
VIN = 14.5V to 27V
18
mV
(Note 1)
•
50
mV
VIN = 16V to 22V
9
mV
•
30
mV
Load Regulation
VRLOAD
IO = 5mA to 1.5 Amp
32
mV
(Note 1)
•
60
mV
IO = 250mA to 750 mA
20
mV
•
40
mV
Standby Current Drain
ISCD
6.0
mA
•
6.5
mA
Standby Current Drain
D
ISCD
VIN = 15V to 30V
•
0.8
mA
Change With Line
(Line)
Standby Current Drain
D
ISCD
IO = 5mA to 1000mA
•
0.5
mA
Change With Load
(Load)
Dropout Voltage
VDO
D
VOUT = 100mV, IO = 1.0A
•
2.5
V
Peak Output Current
IO (pk)
TA = 25°C
1.5
3.3
A
Short Circuit Current
IDS
VIN = 35V
1.2
A
(Note 2)
•
2.8
A
Ripple Rejection
D
VIN
f =120 Hz, DVIN = 10V
61
dB
D
VOUT
(Note 3)
•
54
dB
Output Noise Voltage
NO
TA = 25°C, f =10 Hz to 100KHz
40
µV/V
(Note 3)
RMS
Long Term Stability
D
VOUT
TA = 25°C, t = 1000 hrs.
120
mV
(Note 3)
D
t
Notes:
1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2. Short Circuit protection is only assured up to V
IN = 35V.
3. If not tested, shall be guaranteed to the specified limits.
The • denotes the specifications which apply over the full operating temperature range.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com