Electronic Components Datasheet Search
  English  ▼

X  

STC4350 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # STC4350
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

STC4350 Datasheet(HTML) 2 Page - Nanjing International Group Co

  STC4350 Datasheet HTML 1Page - Nanjing International Group Co STC4350 Datasheet HTML 2Page - Nanjing International Group Co STC4350 Datasheet HTML 3Page - Nanjing International Group Co STC4350 Datasheet HTML 4Page - Nanjing International Group Co STC4350 Datasheet HTML 5Page - Nanjing International Group Co STC4350 Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
200
-
400
Electrical Characteristics
[Ta=25℃]
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-emitter breakdown voltage
BVCEO
IC=10mA, IB=0
50
-
-
V
Collector cut-off current
ICBO
VCB=60V, IE=0
-
-
0.1
μA
Emitter cut-off current
IEBO
VEB=6V, IC=0
-
-
0.1
μA
DC current gain
hFE
VCE=2V, IC=0.1A*
-
hFE
VCE=2V, IC=2A*
40
-
-
Collector-emitter saturation voltage
VCE(sat)
IC=2A, IB=0.1A*
-
-
0.35
V
Base-emitter saturation voltage
VBE(sat)
IC=2A, IB=0.1A*
-
-
1.2
V
Transition frequency
fT
VCE=10V, IC=0.05A
-
210
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
18
-
pF
Switching
Time
Turn-on Time
ton
-
100
-
nS
Storage Time
tstg
-
300
-
Fall Time
tf
-
50
-
*: Pulse test : tP≤300µs, Duty cycle≤2%
<
STC4350
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com