Electronic Components Datasheet Search
  English  ▼

X  

TIP147 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # TIP147
Description  TO-247 Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

TIP147 Datasheet(HTML) 1 Page - Nanjing International Group Co

  TIP147 Datasheet HTML 1Page - Nanjing International Group Co TIP147 Datasheet HTML 2Page - Nanjing International Group Co TIP147 Datasheet HTML 3Page - Nanjing International Group Co TIP147 Datasheet HTML 4Page - Nanjing International Group Co TIP147 Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dongguan Nanjing Electronics Ltd.
TO-247 Plastic-Encapsulate Transistors
TIP147
TIP142
Complementary power Darlington transistors
Features
■ Monolithic Darlington configuration
■ Integrated antiparallel collector-emitter diode
Applications
■ Linear and switching industrial equipment
Description
The devices are manufactured in planar
technology with “base island” layout and
monolithic Darlington configuration. The resulting
transistors show exceptional high gain
performance coupled with very low saturation
voltage.
Figure 1.
Internal schematic diagrams
TO-247
1
2
3
R1 typ. = 5 kΩ
R2 typ. = 60 Ω
R1 typ. = 8 kΩ
R2 typ. = 100 Ω
Table 1.
Device summary
Part number
Marking
Polarity
Package
Packaging
TIP142
TIP142
NPN
TO-247
Tube
TIP147
TIP147
PNP
DONGGUAN NANJING ELECTRONICS LTD.,
www.dgnjdz.com
1/5


Similar Part No. - TIP147

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP147 MOSPEC-TIP147 Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,125W)
logo
Motorola, Inc
TIP147 MOTOROLA-TIP147 Datasheet
234Kb / 6P
10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP147 ONSEMI-TIP147 Datasheet
217Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP147 POINN-TIP147 Datasheet
114Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP147 STMICROELECTRONICS-TIP147 Datasheet
48Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
More results

Similar Description - TIP147

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA1013 ETC-2SA1013 Datasheet
1Mb / 2P
TO 92MOD PLASTIC ENCAPSULATE TRANSISTORS
logo
Avic Technology
AV882 AVICTEK-AV882 Datasheet
154Kb / 3P
TO-126 Plastic-Encapsulate Transistors
logo
List of Unclassifed Man...
3DA4793 ETC1-3DA4793 Datasheet
192Kb / 2P
TO-220F Plastic-Encapsulate Transistors
logo
Avic Technology
AV92 AVICTEK-AV92 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
AV772 AVICTEK-AV772 Datasheet
155Kb / 3P
TO-126 Plastic-Encapsulate Transistors
AV4403 AVICTEK-AV4403 Datasheet
690Kb / 4P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
A44 DAYA-A44 Datasheet
264Kb / 2P
TO-92 Plastic-Encapsulate Transistors
2SA684 DAYA-2SA684 Datasheet
200Kb / 3P
TO-92 Plastic-Encapsulate Transistors
2N3906 DAYA-2N3906 Datasheet
948Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SA1633 JIANGSU-2SA1633 Datasheet
653Kb / 2P
TO-247 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com