Electronic Components Datasheet Search
  English  ▼

X  

OM7501SC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OM7501SC
Description  DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM7501SC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OM7501SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7501SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7501SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7501SC Datasheet HTML 4Page - List of Unclassifed Manufacturers OM7501SC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3.3 - 125
3.3
OM7500SC
ABSOLUTE MAXIMUM RATINGS (Per Regulator)
Input Voltage ........................ Positive Regulator = 35V, Negative Regulator = - 35V
Operating Junction Temperature Range.................................. -55°C to +150°C
Storage Temperature Range ........................................... -65°C to +150°C
Typical Power/Thermal Characteristics
Rated Power @ 25°C
TC .................................................................... 17.5W
TA ....................................................................... 3W
Thermal Resistance
qJC .................................................................. 4.2°C/W
qJA ................................................................... 42°C/W
Thermal Shutdown, IO = 5mA, VIN @ Voltage ...................................... 175°C
MECHANICAL OUTLINE
NOTES:
• Case is metal/hermetically sealed
• Isolated Tab
.100
TYP.
.140 TYP.
.035
.025
.707
.697
.750
.500
.835
.815
.695
.685
.165
.155
.550
.530
.270
.240
.045
.035
.092 MAX.
.005



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com