Electronic Components Datasheet Search
  English  ▼

X  

FT232RNL Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT232RNL
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RNL Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT232RNL Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232RNL Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232RNL Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232RNL Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232RNL Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232RNL Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232RNL Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232RNL Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232RNL Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Copyright © Future Technology Devices International Limited
21
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
pulled up to +3.3V (generated using the 4K7 and 10k resistor network), thus identifying the device as a
full speed device to the USB host or hub. When the USB host or hub is powered off, RESET# will be low
and the FT232RN is held in reset. Since RESET# is low, the internal 1.5kΩ resistor is not pulled up to any
power supply (hub or host is powered down), so no current flows down USBDP via the 1.5kΩ pull-up
resistor. Failure to do this may cause some USB host or hub controllers to power up erratically.
Figure 6.2 illustrates a self-powered design which has a +3.3V to +5.25V supply.
Note:
1. When the FT232RN is in reset, the UART interface I/O pins are tri-stated. Input pins have internal
200kΩ pull-up resistors to VCCIO, so they will gently pull high unless driven by some external logic.
2. Any design which interfaces to +3.3 V or +1.8V would be having a +3.3V or +1.8V supply to
VCCIO.
6.3 USB Bus Powered with Power Switching Configuration
Figure 6.3 Bus Powered with Power Switching Configuration
A requirement of USB bus powered applications is when in USB suspend mode, the application draws a
total current of less than 2.5mA. This requirement includes external logic. Some external logic could power
itself down into a low current state by monitoring the PWREN# signal. For external logic that cannot power
itself down in this way, the FT232RN provides a simple but effective method of turning off power during
the USB suspend mode.
Figure 6.3 shows an example of using a discrete P-Channel MOSFET to control the power to external logic.
A suitable device to do this is an International Rectifier (www.irf.com) IRLML6402, or equivalent. It is
recommended that a “soft start” circuit consisting of a 1kΩ series resistor and a 0.1μF capacitor is used to
limit the current surge when the MOSFET turns on. Without the soft start circuit, it is possible that the
transient power surge, caused when the MOSFET switches on, will reset the FT232RN or the USB host/hub
controller. The soft start circuit example shown in Figure 6.3 powers up with a slew rate of
approximaely12.5V/ms. Thus, supply voltage to external logic transitions from GND to +5V in
approximately 400 microseconds.
As an alternative to the MOSFET, a dedicated power switch IC with inbuilt “soft-start” can be used. A
suitable power switch IC for such an application is the Micrel (www.micrel.com) MIC2025-2BM or
equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com