Electronic Components Datasheet Search
  English  ▼

X  

EVSPIN32G4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EVSPIN32G4
Description  STSPIN32G4 demonstration board for three-phase brushless motors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVSPIN32G4 Datasheet(HTML) 3 Page - STMicroelectronics

  EVSPIN32G4 Datasheet HTML 1Page - STMicroelectronics EVSPIN32G4 Datasheet HTML 2Page - STMicroelectronics EVSPIN32G4 Datasheet HTML 3Page - STMicroelectronics EVSPIN32G4 Datasheet HTML 4Page - STMicroelectronics EVSPIN32G4 Datasheet HTML 5Page - STMicroelectronics EVSPIN32G4 Datasheet HTML 6Page - STMicroelectronics EVSPIN32G4 Datasheet HTML 7Page - STMicroelectronics EVSPIN32G4 Datasheet HTML 8Page - STMicroelectronics EVSPIN32G4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
1
Specifications
Table 1. EVSPIN32G4 specifications
Parameter
Value
Supply voltage
Nominal
From 10 V to 75 V
Maximum output current with heatsink (EVSPIN32G4)
Peak
35 A
Continuous(1)
20 Arms
Maximum output current without heatsink (EVSPIN32G4NH)
Peak
25 A
Continuous(1)
15 Arms
1. Maximum current at ambient temperature of 25°C. Actual maximum current could be limited by power dissipation.
Ratings of the board can be found in Table 1. The EVSPIN32G4NH is the board version without heatsink.
The schematic of the EVSPIN32G4 evaluation board (from Figure 1 to Figure 6) and bill of material (Table 2) are
reported below.
EVSPIN32G4, EVSPIN32G4NH
Specifications
DB4420 - Rev 1
page 3/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com