Electronic Components Datasheet Search
  English  ▼

X  

PDU138 Datasheet(PDF) 5 Page - Data Delay Devices, Inc.

Part # PDU138
Description  3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PDU138 Datasheet(HTML) 5 Page - Data Delay Devices, Inc.

  PDU138 Datasheet HTML 1Page - Data Delay Devices, Inc. PDU138 Datasheet HTML 2Page - Data Delay Devices, Inc. PDU138 Datasheet HTML 3Page - Data Delay Devices, Inc. PDU138 Datasheet HTML 4Page - Data Delay Devices, Inc. PDU138 Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PDU138
Doc #02004
DATA DELAY DEVICES, INC.
5
5/6/02
3 Mt. Prospect Ave. Clifton, NJ 07013
DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC
± 3oC
Load:
1 FAST-TTL Gate
Supply Voltage (Vcc):
5.0V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
High = 3.0V
± 0.1V
Threshold:
1.5V (Rising & Falling)
Low = 0.0V
± 0.1V
Source Impedance:
50
Ω Max.
Rise/Fall Time:
3.0 ns Max. (measured
between 0.6V and 2.4V )
Pulse Width:
PWIN = 1.5 x Total Delay
Period:
PERIN = 4.5 x Total Delay
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
OUT
OUT
TRIG
IN
REF
TRIG
Test Setup
DEVICE UNDER
TEST (DUT)
TIME INTERVAL
COUNTER
PULSE
GENERATOR
COMPUTER
SYSTEM
PRINTER
IN
Timing Diagram For Testing
TDAR
TDAF
PERIN
PWIN
TRISE
TFALL
0.6V
0.6V
1.5V
1.5V
2.4V
2.4V
1.5V
1.5V
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com