Electronic Components Datasheet Search
  English  ▼

X  

MPC5553AVF112 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC5553AVF112
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553AVF112 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC5553AVF112 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5553AVF112 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5553AVF112 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5553AVF112 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5553AVF112 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5553AVF112 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5553AVF112 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5553AVF112 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5553AVF112 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
10
3.6
VRC/POR Electrical Specifications
Table 6. VRC/POR Electrical Specifications
Num
Characteristic
Symbol
Min
Max
Units
1
1.5V (VDD) POR Negated (Ramp Up)
1.5V (VDD) POR Asserted (Ramp Down)
V_POR15
1.1
1.1
1.35
1.35
V
2
3.3V (VDDSYN) POR Negated (Ramp Up)
3.3V (VDDSYN) POR Asserted (Ramp Down)
V_POR33
2.0
2.0
2.85
2.85
V
3
RESET Pin Supply (VDDEH6) POR Negated (Ramp Up)
RESET Pin Supply (VDDEH6) POR Asserted (Ramp Down)
V_POR5
2.0
2.0
2.85
2.85
V
4
VRC33 voltage before regulator controller allows the pass transistor
to start turning on
V_TRANS_
START
1.0
2.0
V
5
VRC33 voltage when regulator controller allows the pass transistor
to completely turn on1, 2
1 User must be able to supply full operating current for the 1.5V supply when the 3.3V supply reaches this range.
2 Current limit may be reached during ramp up and should not be treated as short circuit current.
V_TRANS_ON
2.0
2.85
V
6
VRC33 voltage above which the regulator controller will keep the
1.5V supply in regulation3, 4
3 At peak current for device.
4 Assumes that the Freescale recommended board requirements and transistor recommendations are met. Board signal
traces/routing from the VRCCTL package signal to the base of the external pass transistor and between the emitter of the pass
transistor to the VDD package signals should have a maximum of 100 nH inductance and minimal resistance (<1 ohm).
VRCCTL should have a nominal 1
µF phase compensation capacitor to ground. VDD should have a 20 µF (nominal) bulk
capacitor (> 4
µF over all conditions, including lifetime). High frequency bypass capacitors consisting of eight 0.01 µF, two 0.1
µF, and one 1 µF capacitors should be place around the package on the VDD supply signals.
V_VRC33REG
3.0
—
V
7
Current which can be sourced by VRCCTL
I_VRCCTL5
5 I_VRCCTL measured at the following conditions: VDD=1.35V, VRC33=3.1V, V_VRCCTL=2.2V.
mA
– 40C
11.0
—
mA
25C
9.0
—
mA
150C (Tj)
7.5
—
mA
8
Voltage differential during power up that VDD33 can lag VDDSYN or
VDDEH6 before VDDSYN and VDDEH6 reach V_POR33 and
V_POR5 minimums respectively
VDD33_LAG
—
1.0
V
9
Absolute value of Slew Rate on power supply pins
—
50
V/ms
10
Required Gain:
Idd / I_VRCCTL (@vdd = 1.35v, fsys = 132MHz)
4, 6
6 Values are based on IDD from high use applications as explained in the IDD Electrical Specification.
BETA7
7 BETA is measured on a per part basis and is calculated as IDD / I_VRCCTL and represents the worst case external transistor
BETA.
– 40C
55.08
8 Preliminary value. Final specification pending characterization.
——
25C
58.08
——
150C (Tj)
70.08
500
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com