Electronic Components Datasheet Search
  English  ▼

X  

SS441A Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SS441A
Description  Temperature Compensated Digital Hall-Effect Sensor ICs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS441A Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SS441A Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS441A Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS441A Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS441A Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS441A Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS441A Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS441A Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SS400 Series
DESCRIPTION
The SS400 Series sensor ICs are small, versatile, digital Hall-
effect devices that are operated by the magnetic field from a
permanent magnet or an electromagnet, and are designed to
respond to alternating North and South poles or to a South
pole only. Bipolar, latching and unipolar magnetics are
available.
Band gap regulation provides stable operation over 3.8 Vdc to
30 Vdc supply voltage range. These sensors are capable of
continuous 20 mA sinking output and may be cycled as high as
50 mA max. Its 3.8 V capability allows for use in many potential
low voltage applications.
The digital, open collector sinking-type output is easily
interfaced with a wide variety of electronic circuits.
To provide reliable products and consistent quality, the SS400
Series are tested at both 25 °C [75 °F] and 125 °C [257 °F]. All
catalog listings in this series are qualified for operation up to
150 °C [302 °F].
For design flexibility, the lead and packaging options are:
Straight leads, 14,99 mm [0.59 in] long, in bulk or
ammopak tape-in-box packaging
Straight leads, 18,7 mm [0.735 in] long, in bulk packaging
Formed leads, 14,99 mm [0.59 in] long, in bulk or
ammopak tape-in-box packaging
Please refer to SS400 Series Order Guide on page 7 for
details.
FEATURES AND BENEFITS
Quad-Hall IC design minimizes mechanical stress effects
Temperature-compensated magnetics helps provide stable
operation over a wide temperature range of -40 ° to 150 °C
Miniature standard 3-lead plastic package with tape option
for automated component placement, potentially reducing
installation costs
Broad supply voltage capability from 3.8 Vdc to 30 Vdc for
application flexibility
Digital, open collector sinking output for easy interfacing
with a variety of common electronic circuits
POTENTIAL APPLICATIONS
Transportation:
Speed and RPM (revolutions per minute) sensing
Tachometer, counter pickup
Motor and fan control
Electric window lift
Convertible roof position
Industrial:
Speed and RPM (revolutions per minute) sensing
Tachometer, counter pickup
Flow-rate sensing
Brushless dc (direct current) motor commutation
Motor and fan control
Robotics control
Medical:
Motor assemblies
Medication dispensing control


Similar Part No. - SS441A

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS441A HONEYWELL-SS441A Datasheet
245Kb / 3P
Interactive Catalog Replaces Catalog Pages
More results

Similar Description - SS441A

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3054 ALLEGRO-3054 Datasheet
87Kb / 12P
MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
3055 ALLEGRO-3055 Datasheet
111Kb / 8P
MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
logo
Honeywell Solid State E...
SS361CT HONEYWELL-SS361CT Datasheet
388Kb / 4P
High Sensitivity Bipolar Latching,Hall-Effect Digital Sensor ICs
SL353 HONEYWELL-SL353 Datasheet
386Kb / 6P
Micropower Omnipolar Digital Hall-Effect Sensor ICs
logo
Allegro MicroSystems
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
Linear Hall-Effect Sensor ICs
SS449A-T3 HONEYWELL-ACC-SS449A-T3 Datasheet
394Kb / 7P
Temperature Compensated Digital Hall-Effect Sensor ICs
logo
Texas Instruments
DRV5013 TI1-DRV5013_16 Datasheet
1Mb / 28P
Digital-Latch Hall Effect Sensor
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
Bipolar Hall-Effect Digital Position Sensor ICs
SS41F HONEYWELL-SS41F Datasheet
291Kb / 5P
Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com