Electronic Components Datasheet Search
  English  ▼

X  

HCC4060BDG Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCC4060BDG
Description  Rad-hard, high voltage, CMOS logic series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4060BDG Datasheet(HTML) 4 Page - STMicroelectronics

  HCC4060BDG Datasheet HTML 1Page - STMicroelectronics HCC4060BDG Datasheet HTML 2Page - STMicroelectronics HCC4060BDG Datasheet HTML 3Page - STMicroelectronics HCC4060BDG Datasheet HTML 4Page - STMicroelectronics HCC4060BDG Datasheet HTML 5Page - STMicroelectronics HCC4060BDG Datasheet HTML 6Page - STMicroelectronics HCC4060BDG Datasheet HTML 7Page - STMicroelectronics HCC4060BDG Datasheet HTML 8Page - STMicroelectronics HCC4060BDG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2.2
Single event effects (SEE)
The HCC logic series is characterized under heavy ions through four test vehicles, representative of all the
products with the same functional specification as described in Table 2. HCC series, SEE class summary. The
SEE class of each product is also provided in Table 2. HCC series, SEE class summary. The SEE performance of
any HCC device of the series is the performance of the class it belongs to.
Table 2. HCC series, SEE class summary
Test vehicle
SEE class
HCC4014B
1
HCC4017B
2
HCC4093B
3
HCC4020B
4
The SEE performance of each SEE class is provided in Table 3. SEE performance of SEE classes
Table 3. SEE performance of SEE classes
Type
Class
Conditions
Result
SEL
1, 2, 3, 4
125 °C, VCC=20 V, LET = 119 MeV.cm2/mg,
ion range = 20 µm, 45 ° tilt
No event
SEU
1
25 °C, LET = 61 MeV.cm2/mg, VCC=5 V, VIN=2.5 V ± 2.5 V, fIN=50 kHz,
fCLOCK =500 kHz, VCC=15 V, VIN=7.5 V ± 7.5 V,
fIN=100 kHz, fCLOCK =1 MHz,
ion range = 20 µm, 45 ° tilt
LETth>
60 MeV.cm2/mg,
σ sat = 8 x 10-6 cm2
2, 3
25 °C, LET = 119 MeV.cm2/mg, VCC=5 V, VIN=2.5 V ± 2.5 V, fIN=50 kHz,
fCLOCK =500 kHz, VCC=15 V, VIN=7.5 V ± 7.5 V,
fIN=100 kHz, fCLOCK =1 MHz,
ion range = 20 µm, 45 ° tilt
No event
4
25 °C, LET = 36 MeV.cm2/mg, VCC=5 V, VIN=2.5 V ± 2.5 V, fIN=50 kHz,
fCLOCK =500 kHz,
VCC=15 V, VIN=7.5 V ± 7.5 V,
fIN=100 kHz, fCLOCK =1 MHz,
ion range = 20 µm, 45 ° tilt
LETth>
36 MeV.cm2/mg,
σ sat = 1 x 10-4cm2
SET
1, 2, 3, 4
25 °C, LET = 119 MeV.cm2/mg, Trigger = ± 50 mV
VCC=5 V, VIN=2.5 V ± 2.5 V, fIN=50 kHz, VCC= 15 V,
VIN= 7.5 V± 7.5 V, fIN=100 kHz
No event
HCC40xxx, HCC45xxx
Single event effects (SEE)
DS6709 - Rev 8
page 4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com