Electronic Components Datasheet Search
  English  ▼

X  

AP13015Z Datasheet(PDF) 5 Page - Anachip Corp

Part # AP13015Z
Description  300mA Low Dropout (LDO) Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP13015Z Datasheet(HTML) 5 Page - Anachip Corp

  AP13015Z Datasheet HTML 1Page - Anachip Corp AP13015Z Datasheet HTML 2Page - Anachip Corp AP13015Z Datasheet HTML 3Page - Anachip Corp AP13015Z Datasheet HTML 4Page - Anachip Corp AP13015Z Datasheet HTML 5Page - Anachip Corp AP13015Z Datasheet HTML 6Page - Anachip Corp AP13015Z Datasheet HTML 7Page - Anachip Corp AP13015Z Datasheet HTML 8Page - Anachip Corp AP13015Z Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP130
300mA Low Dropout (LDO) Linear Regulator
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 May 7, 2004
5/9
Typical Application Circuit
IN
OUT
GND
IN
C
V
IN
OUT
C
OUT
V
AP130
Function Description
A minimum of 10µF capacitor must be connected from OUT to ground to insure stability. Typically a large
storage capacitor is connected from VIN to ground to ensure that the input voltage does not sag below the
minimum dropout voltage during the load transient response. This pin must always be 0.7V higher than VOUT
in order for the device to regulate properly.
Marking Information
1
2
Year:0~9
Month: A~L
Identification code
(See appendix)
3
XX Y M X
(Top View)
SOT23
1
3
Year: 0~9
Month: A~L
Identification code
(See appendix)
2
X X
Y M X
(Top View)
SOT89
Year: "1"=2001
"2"=2002
Xth Week: 01~52
AP130
Internal code: Blank or A~Z
Part Number
Output voltage
15: 1.5V
50: 5.0V
XX
Y WW X X
(Top View)
TO92
12
3
Blank: normal
L: Lead Free Package
Blank: normal
L: Lead Free Package
Blank: normal
L: Lead Free Package



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com