Electronic Components Datasheet Search
  English  ▼

X  

PT7708 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT7708
Description  20 Amp Current Booster for PT7708 Integrated Switching Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT7708 Datasheet(HTML) 1 Page - Texas Instruments

  PT7708 Datasheet HTML 1Page - Texas Instruments PT7708 Datasheet HTML 2Page - Texas Instruments PT7708 Datasheet HTML 3Page - Texas Instruments PT7708 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Features
Description
The PT7742 is a 20 Amp “Current
Booster” for the PT7708 housed in the
same 27-pin SIP package.
Multiple PT7742 boosters will
operate in parallel with one PT7708
product, boosting output current in
increments of 20A. Combinations of a
PT7708 regulator and PT7742 current
boosters can supply power for virtually
any multiple mega-processor applica-
tion.
A PT7742 current booster adds a
parallel output stage that is driven di-
rectly by the regulator. This allows
the system to run in perfect synchron-
ization to provide a low noise solution.
The PT7742 only operates in com-
bination with a PT7708 series regulator,
and is not a stand-alone product. Please
refer to the PT7708 data sheet for the
performance specifications.
The booster uses the same 27-pin
case and has the same package options
as its companion regulator.
PT7742—3.3V
20 Amp “Current Booster” for PT7708
Integrated Switching Regulator
Ordering Information
PT7742
J
• 20A Current Boost
• Tracks Vo of a PT7708
• High Efficiency
• Input Voltage Range:
3.1V to 3.6V
• Synchronized with PT7708
• 27-pin SIP Package
• Connect up to 2 in Parallel for
60 Amps
Standard Application
(For dimensions and PC Board layout, see
Package Styles 800 and 810.)
Pin-Out Information
Pin Function
1
Do not connect
2
Do not connect
3
Do not connect
4
Do not connect
5
Do not connect
6
Do not connect
7Vin
8Vin
9Vin
10
Vin
11
Vin
12
Do not connect
13
GND
Pin Function
14
GND
15
GND
16
GND
17
GND
18
GND
19
GND
20
Vout
21
Vout
22
Vout
23
Vout
24
Vout
25
Vout
26
Do not connect
27
Master Sync In
C
IN
+
C
OUT
+
LOAD
V
IN
VID0
VID1
VID2
VID3
V
OUT
GND
GND
STBY*
L1
1H
REMOTE SENSE ( )
REMOTE SENSE (+)
PROGRAMMING PINS
C
IN
+
L1
1H
PT7742
20-25
13-19
27
7-11
Vo
Vin
GND
Synch
In
PT7708
43
21
2 6
20-25
12
5
13-19
27
7-11
Vo
Vin
GND
SNS(+)
SNS(-)
Synch
Out
STBY
VID3 - VID0
C
OUT
+
PT Series Suffix
(PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
External Capacitors: The PT7742 requires a minimum ouput capacitance of 330µF for proper operation. The PT7742 also requires an input capacitance of
1500µF, which must be rated for a minimum of 1.4Arms of ripple current. For transient or dynamic load applications additional capacitance may be required.
For more information refer to the application note regarding capacitor selection for this product.
Input Filter:
An input filter inductor is optional for most applications. The inductor must be sized to handle 20ADC with a typical value of 1µH.
SLTS085
(Revised 6/30/2000)


Similar Part No. - PT7708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7708 TI-PT7708 Datasheet
131Kb / 4P
20 Amp Programmable Next Generation Big Hammer
PT7708 TI1-PT7708 Datasheet
760Kb / 4P
Integrated Switching Regulator
PT7708-3.3V TI1-PT7708-3.3V Datasheet
760Kb / 4P
Integrated Switching Regulator
PT7708A TI1-PT7708A Datasheet
760Kb / 4P
Integrated Switching Regulator
PT7708C TI1-PT7708C Datasheet
760Kb / 4P
Integrated Switching Regulator
More results

Similar Description - PT7708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6400 TI-PT6400 Datasheet
227Kb / 5P
3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6600 TI-PT6600 Datasheet
242Kb / 5P
9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6700 TI-PT6700 Datasheet
118Kb / 3P
13 AMP PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7600 TI-PT7600 Datasheet
176Kb / 3P
10 AMP PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7711 TI-PT7711 Datasheet
184Kb / 9P
20-A Programmable Integrated Switching Regulator
SLTS116 TI-SLTS116 Datasheet
160Kb / 3P
32 Amp Programmable Integrated Switching Regulator
PT7778 TI-PT7778 Datasheet
156Kb / 3P
32 Amp Programmable Integrated Switching Regulator
PT7713 TI1-PT7713 Datasheet
189Kb / 9P
20-A Programmable Integrated Switching Regulator
PT7740 TI1-PT7740 Datasheet
146Kb / 2P
32 Amp ?쏞urrent Booster??for PT7778 Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com