Electronic Components Datasheet Search
  English  ▼

X  

SM56B Datasheet(PDF) 2 Page - Seme LAB

Part # SM56B
Description  NPN FAST SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SM56B Datasheet(HTML) 2 Page - Seme LAB

  SM56B Datasheet HTML 1Page - Seme LAB SM56B Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
7
3
1
1
0.6
1.5
2
0.2
0.6
0.4
1
0.04
0.25
0.5
0.04
2
0.15
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
mA
mA
mA
V
V
mS
mS
Prelim. 9/94
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
SM56B
IC = 200mA
IE = 1mA
IB = 0
VCE = 200V
RBE = 50W
TC = 125°C
IE = 0
VCB = 200V
VBE = –1.5V
TC = 125°C
IC = 0
VEB = 5V
IC = 5A
IB = 500mA
IC = 10A
IB = 1A
IC = 10A
IB = 1A
VCC = 50V
IC = 12A
VBE = –6V
IB1 = 1.2A
RBB = 2.5W
VCC = 50V
IC = 12A
VBE = –5V
IB1 = 1.2A
LB = 0.5mH
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Collector – Emitter Sustaining Voltage
Emitter – Base Breakdown Voltage
Collector Cut–Off Current
Collector – Base Cut–Off Current
Emitter Cut–Off Current
Collector – Emitter Saturation Voltage
Base – Emitter Saturation Voltage
Turn–On Time
Storage Time
Fall Time
Storage Time
Fall Time
Storage Time
(Tj = 125°C)
Fall Time
(Tj = 125°C)
* Pulse test tp = 300ms , d £ 2%
VCEO(sus)*
V(BR)EBO*
ICER*
ICBO*
IEBO*
VCE(sat)*
VBE(sat)*
ton
ts
tf
ts
tf
ts
tf
LAB
SEME
SWITCHING CHARACTERISTICS (resistive load)
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS (inductive load)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com