Electronic Components Datasheet Search
  English  ▼

X  

BL1102 Datasheet(PDF) 7 Page - SHANGHAI BELLING CO., LTD.

Part # BL1102
Description  single chip dialer IC using Si-gate CMOS process
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL1102 Datasheet(HTML) 7 Page - SHANGHAI BELLING CO., LTD.

  BL1102 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BL1102series
http://www.belling.com.cn
- 7 -
8/22/2006
Total 9 Pages
Wrote by 2006
AC characteristic
Parameter
Symbol
Test Condition
Min.
Typical
Max.
Unit
Time of keyin debounce
TKID
--
20
--
ms
Time of key release debounce
TKRD
--
20
--
ms
Time of key tone defer
TKD
--
20
--
ms
Time of One-key re-dial “pause”
TRB
--
2.2
--
s
Time of pulse T/P mute defer
TMD
B/M=1
B/M=0
--
--
40
33.3
--
--
ms
Pre-digit pause
TPDP
B/M=1
B/M=0
--
40
33.3
--
ms
pulse speed
FPR
--
10
--
pps
Time in data pace (auto-dial)
TTD
--
800
--
ms
Break/make ratio
B/M
B/M=1
B/M=0
--
60:40
66.6:33.3
--
%
Tone width
TTD
Automatic dialing
--
93
--
ms
Inter tone pace
TTD
Automatic dialing
--
93
--
ms
Time of flash pause
TFB
--
--
--
98
305
600
--
--
--
ms
Time of Pause
TP
--
3.1
--
s
Row –group frequency
F1
F2
F3
F4
row1
row2
row3
row4
699
766
848
948
Hz
Column-group frequency
F5
F6
F7
column1
column2
column3
1216
1332
1472
Hz
Key tone frequency
Fkt
--
1.2
--
kHz
Time of one-key re-dial pause
TPR
--
600
--
ms
NB:
1 . If it is operated on the following normal situation, the oscillation parameters are recommended as: :
Rs < 100
Ω , Lm: 96mH , Cm :0.02pF, Cn:5pF, C1:18pF
OSC : 3.57945 Mhz ±0.02 %
2 . the accuracy of oscillator frequency will effect the above –mentioned times.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com