Electronic Components Datasheet Search
  English  ▼

X  

MS07A10-32SW Datasheet(PDF) 3 Page - ITT Industries

Part # MS07A10-32SW
Description  KPSE High performance crimp contact connectors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS07A10-32SW Datasheet(HTML) 3 Page - ITT Industries

  MS07A10-32SW Datasheet HTML 1Page - ITT Industries MS07A10-32SW Datasheet HTML 2Page - ITT Industries MS07A10-32SW Datasheet HTML 3Page - ITT Industries MS07A10-32SW Datasheet HTML 4Page - ITT Industries MS07A10-32SW Datasheet HTML 5Page - ITT Industries MS07A10-32SW Datasheet HTML 6Page - ITT Industries MS07A10-32SW Datasheet HTML 7Page - ITT Industries MS07A10-32SW Datasheet HTML 8Page - ITT Industries MS07A10-32SW Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
A-40
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
KPSE High performance crimp contact connectors
SERIES PREFIX
SHELL STYLE
CLASS
SHELL SIZE
CONTACT ARRANGEMENT
CONTACT TYPE
ALTERNATE INSERT POSITION
MODIFICATION CODE
SERIES PREFIX
KPSE -ITT Cannon prefix
KPSR - ITT Cannon RoHS prefix
MS -MIL-C-26482 prefix
SHELL STYLE
ITT Cannon designation
00 -wall mounting receptacle
01 -cable connecting plug
02 -box mounting receptacle (class E only)
06 -straight plug
07 -jam nut receptacle
08 -90º angle plug
MS DESIGNATION
3120 - Wall mounting receptacle
3121 - Cable connecting receptacle
3122 - Box mounting receptacle
3124 - Jam nut receptacle
3126 - Straight plug
CLASS
A - general duty (not MS approved)
B - general duty with strain relief (not MS approved)
E - with a grommet seal (MS specification)
F - grommet seal with strain relief (MS specification)
J - gland seal with strain relief for jacketed cable
(U.S. version) (not MS approved)
P -for potting (MS specification) (U.S. version)
SHELL SIZES
8, 10, 12, 14, 16, 18, 20, 22, and 24
CONTACT ARRANGEMENTS
see page A-41
MS
3120
E
18
-
32
P
X
*
KSPE
00
E
18
-
32
P
X
*
CONTACT TYPE
P -Pin
S -Socket
ALTERNATE INSERT POSITION
W, X, and Z (omit for normal), see page A-42
MODIFICATION CODE (Include Same Codes as KPT)
A34 - Electroless nickel hardware, RoHS compliant (European
version)
A71 - Electroless nickel hardware (U.S. version RoHS compliant
after 11/1/07))
A206 - Black zinc cobalt hardware (U.S. version, RoHS compliant)
A232 - Black zinc cobalt hardware (European version, RoHS
compliant)
A233 - Green zinc cobalt hardware (European version)
A408 - Extended Life Contact - Gold over Nickel
DN - Shrink boot adapter for shell styles 00, 01, 06 and 07
(Class E only)
DZ - Endbell for shielding braids and shrink boots.
(Class E only)
07 - Clear chromate over cadmium hardware (U.S. version)
16 - Lanyard release (applicable to plug only) (U.S. version)
23 - Ground springs (applicable to plug only)
F42 - connectors without endbell and related parts
P9 = PG9 for shell #10
M12 = M12x1,5 for shell #10
P11 = PG11 for shell #12
M16 = M16x1,5 for shell #12
P13 = PG13,5 for shell #14 M20 = M20x1,5 for shell #14
P16 = PG16 for shell #16
M25 = M25x1,5 for shell #16
P21 = PG21 for shell #18
M25 = M25x1,5 for shell #18
P21 = PG21 for shell #20
M25 = M25x1,5 for shell #20
P21 = PG21 for shell #22
M32 = M32x1,5 for shell #22
P29 = PG29 for shell #24
M32 = M32x1,5 for shell #24
Consult factory for other modifications. Omit first digit (0) of
shell style indication when using a modification code.
How to order
Cannon KPT/KPSE
MIL-C-26482 Series I Connectors
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com