Electronic Components Datasheet Search
  English  ▼

X  

MS07A14-32SW Datasheet(PDF) 13 Page - ITT Industries

Part # MS07A14-32SW
Description  KPSE High performance crimp contact connectors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS07A14-32SW Datasheet(HTML) 13 Page - ITT Industries

Back Button MS07A14-32SW Datasheet HTML 9Page - ITT Industries MS07A14-32SW Datasheet HTML 10Page - ITT Industries MS07A14-32SW Datasheet HTML 11Page - ITT Industries MS07A14-32SW Datasheet HTML 12Page - ITT Industries MS07A14-32SW Datasheet HTML 13Page - ITT Industries MS07A14-32SW Datasheet HTML 14Page - ITT Industries MS07A14-32SW Datasheet HTML 15Page - ITT Industries MS07A14-32SW Datasheet HTML 16Page - ITT Industries MS07A14-32SW Datasheet HTML 17Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
A-50
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
Dummy Receptacles
J
Shell
A
E
F
G
+.031 (.79)
K
Size
±.003 (.08)
Basic
Max.
±.005 (.13)
-.000 (.00)
±.016 (.41)
8
.471 (11.96)
.594 (15.09)
.828 (21.03)
.120 (3.05)
.462 (11.73)
.062 (1.57)
10
.588 (14.94)
.719 (18.26)
.954 (24.23)
.120 (3.05)
.462 (11.73)
.062 (1.57)
12
.748 (19.00)
.812 (20.62)
1.047 (26.60)
.120 (3.05)
.462 (11.73)
.062 (1.57)
14
.873 (22.17)
.906 (23.01)
1.141 (28.98)
.120 (3.05)
.462 (11.73)
.062 (1.57)
16
.998 (25.35)
.969 (24.61)
1.234 (31.34)
.120 (3.05)
.462 (11.73)
.062 (1.57)
18
1.123 (28.52)
1.061 (26.97)
1.328 (33.73)
.120 (3.05)
.462 (11.73)
.062 (1.57)
20
1.248 (31.70)
1.156 (29.36)
1.453 (36.91)
.120 (3.05)
.556 (14.12)
.094 (2.39)
22
1.373 (34.87)
1.250 (31.75)
1.578 (40.08)
.120 (3.05)
.556 (14.12)
.094 (2.39)
24
1.498 (38.05)
1.375 (34.93)
1.703 (43.26)
.147 (3.73)
.589 (14.96)
.094 (2.39)
NOTE: For MS Version and additional finishes see PV catalog
How To Order
KPT
15 - 12A
•
SERIES PREFIX
DUMMY RECEPTACLE
INDICATOR
SHELL SIZE
MODIFICATIONS
SERIES PREFIX
KPT - ITT Cannon Prefix
SHELL SIZE
8 THRU 24
MODIFICATIONS
None-Olive drab chromate over
cadmium
E
F
.140 RAD.
Max
G DIA
4 HOLES
K
J
A
DIA.
Protective Caps
M
Shell
A
F
L
+.031 (.79)
N
Q
R
Size
±.003 (.08)
Max.
H
Max.
-.000 (.00)
Min.
Max.
Max
8
.471 (11.96)
.719 (18.26)
3.000 (76.20)
.562 (14.27)
.368 (9.35)
.578 (14.68)
.734 (18.64)
.562 (14.27)
10
.588 (14.94)
.844 (21.44)
3.000 (76.20)
.562 (14.27)
.368 (9.35)
.703 (17.86)
.859 (21.82)
.562 (14.27)
12
.748 (19.00)
1.000 (25.40)
3.500 (88.90)
.562 (14.27)
.368 (9.35)
.891 (22.63)
1.000 (25.40)
.562 (14.27)
14
.873 (22.17)
1.125 (28.58)
3.500 (88.90)
.562 (14.27)
.368 (9.35)
1.016 (25.81)
1.025 (28.58)
.562 (14.27)
16
.998 (25.35)
1.250 (31.75)
3.500 (88.90)
.562 (14.27)
.368 (9.35)
1.141 (28.98)
1.250 (31.75)
.562 (14.27)
18
1.123 (28.52)
1.375 (34.93)
3.500 (88.90)
.562 (14.27)
.368 (9.35)
1.266 (32.16)
1.375 (34.93)
.562 (14.27)
20
1.248 (31.70)
1.500 (38.10)
4.000 (101.60)
.625 (15.88)
.430 (10.92)
1.391 (35.33)
1.500 (38.10)
.562 (14.27)
22
1.373 (34.87)
1.625 (41.26)
4.000 (101.60)
.625 (15.88)
.430 (10.92)
1.516 (38.51)
1.625 (41.26)
.562 (14.27)
24
1.498 (38.05)
1.750 (44.45)
4.000 (101.60)
.658 (16.71)
.463 (11.76)
1.641 (41.68)
1.750 (44.45)
.602 (15.29)
80 - Cap for plugs
81 - Cap for receptacle
How To Order
KPT
80
12
C
•
SERIES PREFIX
TYPE
SHELL SIZE
TERMINATION STYLE
MODIFICATIONS
SERIES PREFIX
KPT - ITT Cannon Prefix
TYPE
80 - Plug Cap
81 - Receptacle Cap
SHELL SIZE
8 THRU 24
TERMINATION STYLE
C -Sash Chain
N - Sash Chain with Ring
NOTE: F or MS version and additional
finishes see PV catalog.
.169 (4.29)
±.008 (.20)
.094
(2.39)
Max.
H+.500 (12.7)
-.250 (6.35)
CHAIN LENGHT
.047
(1.19)
Max.
L
A
F
M
R
Q
H+.500 (12.7)
-.250 (6.35)
CHAIN LENGHT
H+.500 (12.7)
-.250 (6.35)
CHAIN LENGHT
Q
MATERIALS and FINISHES
KPT
Protective Cap
aluminum alloy, olive drab finish per QQ-P-416
Sash Chain
stainless steel
Ring/Rivet
stainless steel
Gasket
polychloroprene
Cannon KPT/KPSE
MIL-C-26482 Series I Connectors
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com