Electronic Components Datasheet Search
  English  ▼

X  

L1935 Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part # L1935
Description  Low Noise Amplifier 1800-1950 MHz, 35 dB Gain, 0.9dB Noise Figure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

L1935 Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

  L1935 Datasheet HTML 1Page - PREMIER DEVICES, INC. L1935 Datasheet HTML 2Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Objective Product Specification
L1935
Low Noise Amplifier 1800-1950 MHz, 35 dB Gain, 0.9dB Noise Figure
Page 1 of 2
January 2006
Document Revision Level B
FEATURES
•
Extremely low Noise Figure
•
High IIP3
•
Superior Return Loss
•
35 dB Power Gain
•
Balanced Input Stage
APPLICATION
•
Repeater
•
Base Station
DESCRIPTION
•
1.9 GHz Low Noise Amplifier employing GaAs die
LIMITING VALUES
Notes: Operating the device above these parameters may cause permanent damage, Case Temperature Tc=25°C
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
V1
-
+12
V
V2
DC supply voltage
-
-7
V
Tstg
Storage Temperature
- 30
+ 100
°C
Topt
Operating Temperature
- 5
+ 70
°C
CHARACTERISTICS
Table 1: Test condition: Case Temperature Tc = 25°C, V1 = 10V, V2 = -5V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f
Frequency
1800
-
1950
MHz
I1
Supply Current
-
-
550
mA
I2
Supply Current
-
-
20
mA
Ga
Power Gain
-
35
-
dB
S11
Input Return Loss
20
-
-
dB
S22
Output Return Loss
20
-
-
dB
P1dB
1dB Compression Point
24
-
-
dBm
IIP3
Input 3
rd Order Intercept Point
10
-
-
dBm
NF
Noise Figure
-
0.9
-
dB
L1935
Low Noise Amplifier
1800-1950 MHz
35 dB Gain
0.9dB Noise Figure


Similar Part No. - L1935

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1932 ETC2-L1932 Datasheet
56Kb / 1P
L1932 MINIATURE BARRIER STRIP
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Hamamatsu Corporation
L1939 HAMAMATSU-L1939 Datasheet
111Kb / 2P
300 關m emission spot, no electrode in emission area
L1939-04 HAMAMATSU-L1939-04 Datasheet
111Kb / 2P
300 關m emission spot, no electrode in emission area
L1939 HAMAMATSU-L1939_15 Datasheet
83Kb / 2P
Infrared LED
More results

Similar Description - L1935

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-162 MACOM-AM-162 Datasheet
292Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
AM-143-AMC-143 MA-COM-AM-143-AMC-143 Datasheet
85Kb / 3P
Low Noise Amplifier, 16 dB Gain
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
Low Noise Amplifier, 12 dB Gain
AM-AMC-AMS-162 MA-COM-AM-AMC-AMS-162 Datasheet
95Kb / 3P
Low Noise Amplifier, 12.5 dB Gain,
AM-153 MA-COM-AM-153_15 Datasheet
411Kb / 3P
Low Noise Amplifier, 12 dB Gain
AM-160 MA-COM-AM-160_15 Datasheet
455Kb / 4P
Low Noise Amplifier, 28 dB Gain
AMS-162 MA-COM-AMS-162_15 Datasheet
624Kb / 4P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com