Electronic Components Datasheet Search
  English  ▼

X  

DS38464 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS38464
Description  3.3V 64K x 40 NV SRAM SIMM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS38464 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS38464 Datasheet HTML 2Page - Maxim Integrated Products DS38464 Datasheet HTML 3Page - Maxim Integrated Products DS38464 Datasheet HTML 4Page - Maxim Integrated Products DS38464 Datasheet HTML 5Page - Maxim Integrated Products DS38464 Datasheet HTML 6Page - Maxim Integrated Products DS38464 Datasheet HTML 7Page - Maxim Integrated Products DS38464 Datasheet HTML 8Page - Maxim Integrated Products DS38464 Datasheet HTML 9Page - Maxim Integrated Products DS38464 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DS38464
6 of 10
AC ELECTRICAL CHARACTERISTICS (TA = 0 to 70
°C; VCC = 3.3V ± 0.3V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Read cycle time
tRC
70
ns
Access time
tACC
70
ns
OE to output valid
tOE
35
ns
CE to output valid
tCO
70
ns
OE or CE to output active
tCOE
5ns
5
Deselection to output high-z
tOD
25
ns
5
Output hold after address change
tOH
5ns
Write cycle time
tWC
70
ns
Write pulse width
tWP
55
ns
3
Address setup time
tAW
0ns
Write recovery time
tWR1
tWR2
5
20
ns
ns
11
12
WE active to output high-z
tODW
25
ns
5
WE inactive to output active
tOEW
5ns
5
Data setup time
tDS
30
ns
4
Data hold time
tDH1
tDH2
0
20
ns
ns
11
12
TIMING DIAGRAM: READ CYCLE
SEE NOTE 1
tRC
ADDRESS
tACC
CE
OE
DOUT
tOH
tCO
tOE
tCOE
tCOE
tOD
tOD
data valid



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com