Electronic Components Datasheet Search
  English  ▼

X  

1216 Datasheet(PDF) 1 Page - Pico Technology Ltd.

Part # 1216
Description  Multi-channel data acquisition
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

1216 Datasheet(HTML) 1 Page - Pico Technology Ltd.

  1216 Datasheet HTML 1Page - Pico Technology Ltd. 1216 Datasheet HTML 2Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.picotech.com
1000 Series
Multi-channel data acquisition
Up to 16 unipolar analog input channels
Up to 12-bit resolution with 0.5% accuracy
Up to 4 software configurable digital output lines
Up to 1 MS/s sample rate
USB connected and powered
Complete with ready-to-go data logging software
Includes API and examples for C/C++/C#, VB, LabVIEW VIs
Flexible sampling modes
Both loggers feature 3 sampling modes to meet most data logging needs:
streaming, real-time continuous and block mode. Streaming allows channel
voltage readings to be logged continuously at 1 kS/s on any number of channels,
while real-time continuous provides averaged, time-accurate readings with
automatic measurements available in PicoLog. Block mode captures at the
full 1 MS/s sample rate of the logger for the duration of the 8k sample buffer.
All you need
Designed to meet the needs of a wide range of general-purpose voltage,
sensor and transducer logging applications, the PicoLog 1216 and 1012 feature
independent software-configurable channels, ranges, scaling and control
outputs. An optional external terminal board allows for easy range extension
and ease of terminating wires.
Ready-to-go
The PicoLog 1000 Series multi-channel voltage data loggers include everything
needed for immediate use and are complemented by a full suite of software
including the PicoLog data logging package, the PicoScope oscilloscope
package and an SDK for writing user programs.
PicoLog®


Similar Part No. - 1216

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
1216 YANTEL-1216 Datasheet
446Kb / 2P
Variable RF Inductor
logo
ASSUN MOTOR Pte Ltd.
1216 ASSUN-1216 Datasheet
314Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
1216 ASSUN-1216 Datasheet
241Kb / 1P
STANDARD SERIES
2023-A
1216 ASSUN-1216 Datasheet
275Kb / 1P
HIGH TEMPERATURE SERIES
2023
1216 ASSUN-1216 Datasheet
229Kb / 1P
STANDARD SERIES
2023-A
More results

Similar Description - 1216

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
HDAS-16G883 DATEL-HDAS-16G883 Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16GC-C DATEL-HDAS-16GC-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16MC DATEL-HDAS-16MC Datasheet
102Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16MM-C DATEL-HDAS-16MM-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16MM-QL DATEL-HDAS-16MM-QL Datasheet
104Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-524MC-C DATEL-HDAS-524MC-C Datasheet
104Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-8G883-C DATEL-HDAS-8G883-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-8GC-C DATEL-HDAS-8GC-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-8MC-C DATEL-HDAS-8MC-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16ME DATEL-HDAS-16ME Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com