Electronic Components Datasheet Search
  English  ▼

X  

PPC5553AVZ112 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # PPC5553AVZ112
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5553AVZ112 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button PPC5553AVZ112 Datasheet HTML 43Page - Freescale Semiconductor, Inc PPC5553AVZ112 Datasheet HTML 44Page - Freescale Semiconductor, Inc PPC5553AVZ112 Datasheet HTML 45Page - Freescale Semiconductor, Inc PPC5553AVZ112 Datasheet HTML 46Page - Freescale Semiconductor, Inc PPC5553AVZ112 Datasheet HTML 47Page - Freescale Semiconductor, Inc PPC5553AVZ112 Datasheet HTML 48Page - Freescale Semiconductor, Inc PPC5553AVZ112 Datasheet HTML 49Page - Freescale Semiconductor, Inc PPC5553AVZ112 Datasheet HTML 50Page - Freescale Semiconductor, Inc PPC5553AVZ112 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
Electrical Characteristics
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
47
3.14.3
MII Async Inputs Signal Timing (CRS and COL)
Table 30 lists MII asynchronous inputs signal timing.
Figure 30 shows MII asynchronous input timings listed in Table 30.
Figure 30. MII Async Inputs Timing Diagram
3.14.4
MII Serial Management Channel Timing (MDIO and MDC)
Table 31 lists MII serial management channel timings. The FEC functions correctly with a maximum
MDC frequency of 2.5 MHz.
Figure 31 shows MII serial management channel timings listed in Table 31.
Table 30. MII Async Inputs Signal Timing
Num
Characteristic
Min
Max
Unit
9
CRS, COL minimum pulse width
1.5
—
TX_CLK period
Table 31. MII Serial Management Channel Timing
Num
Characteristic
Min
Max
Unit
10
MDC falling edge to MDIO output invalid (minimum propagation delay)
0
—
ns
11
MDC falling edge to MDIO output valid (max prop delay)
—
25
ns
12
MDIO (input) to MDC rising edge setup
10
—
ns
13
MDIO (input) to MDC rising edge hold
0
—
ns
14
MDC pulse width high
40%
60%
MDC period
15
MDC pulse width low
40%
60%
MDC period
CRS, COL
M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com