Electronic Components Datasheet Search
  English  ▼

X  

S101032SS02B Datasheet(PDF) 2 Page - ITT Industries

Part # S101032SS02B
Description  Slide Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

S101032SS02B Datasheet(HTML) 2 Page - ITT Industries

  S101032SS02B Datasheet HTML 1Page - ITT Industries S101032SS02B Datasheet HTML 2Page - ITT Industries S101032SS02B Datasheet HTML 3Page - ITT Industries S101032SS02B Datasheet HTML 4Page - ITT Industries S101032SS02B Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
J–28
J
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K S Series
Slide Switches
SWITCH FUNCTION
ACTUATOR
C2; C3; C5
SNAP-ON CAP
13
SCREWDRIVER SLOT
(WITHOUT MARKING)
12
SCREWDRIVER SLOT
(WITH MARKING)
09
.250" HIGH
03
.335" HIGH
04
.500" HIGH
Part number shown: S101031SS03Q
NOTE: and MOM. in table indicates momentary action.
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
Contacts make on side actuator thrown.
NOTE: Standard actuator color is black, other colors available, consult Customer Service Center. Alternate heights
are available with ‘03, 04 and 09’ actuators, consult Customer Service Center. Models with S2 mounting style,
subtract .090 (2, 29). Actuators ‘12’ and ‘13’ are available with DPST and DPDT models only.
Part number shown: S202031SS03Q
White 115-230 markings (std.).
Without markings.
Available with S2 mounting
style only.
NOTE: Actuator finish: matte.
If no color is specified, black will be
supplied. Colored actuator caps may
also be ordered separately and user
installed, see page J-31.
C2
BLACK
C3
RED
C5
YELLOW
C1-CT CAP
COLOR
OPTION
CODE2
S101
6
SPSTMM
,SS
S102
6
SPDT
MS,SS
S112
6
SPDT-MOM.
MS,SS
S701
15
SPST
S1,S2,S3,ST
S702
15
SPDT
S1,S2,S3,ST
SP
AVAILABLE
MOUNTING
STYLES
SCHEMATIC
SWITCH
FUNCTION
AMP
RATING
MODEL
NO.
NO.
POLES
S201
6
DPST
MS,SS,TS
S202
6
DPDT
MS,SS, TS
S602
12
DPDT
MS,SS, TS
S802
15
DPDT
S1,S2,S3,ST
DP
AVAILABLE
MOUNTING
STYLES
SCHEMATIC
SWITCH
FUNCTION
AMP
RATING
MODEL
NO.
NO.
POLES
SPST
DPDT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com