Electronic Components Datasheet Search
  English  ▼

X  

AM29LV641MH Datasheet(PDF) 5 Page - SPANSION

Part # AM29LV641MH
Description  64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV641MH Datasheet(HTML) 5 Page - SPANSION

  AM29LV641MH Datasheet HTML 1Page - SPANSION AM29LV641MH Datasheet HTML 2Page - SPANSION AM29LV641MH Datasheet HTML 3Page - SPANSION AM29LV641MH Datasheet HTML 4Page - SPANSION AM29LV641MH Datasheet HTML 5Page - SPANSION AM29LV641MH Datasheet HTML 6Page - SPANSION AM29LV641MH Datasheet HTML 7Page - SPANSION AM29LV641MH Datasheet HTML 8Page - SPANSION AM29LV641MH Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
December 21, 2005
Am29LV641MH/L
3
DA TA SH EET
MIRRORBIT 64 MBIT DEVICE FAMILY
RELATED DOCUMENTS
To download related documents, click on the following
links or go to www.amd.com
→Flash Memory→Prod-
uct Information
→MirrorBit→Flash Information→Tech-
nical Documentation.
MirrorBit™ Flash Memory Write Buffer Programming
and Page Buffer Read
Implementing a Common Layout for AMD MirrorBit
and Intel StrataFlash Memory Devices
AMD MirrorBit™ White Paper
Migrating from Single-byte to Three-byte Device IDs
Device
Bus
Sector Architecture
Packages
V
IO
RY/BY#
WP#, ACC
WP# Protection
LV065MU
x8
Uniform (64K-byte)
48-pin TSOP (std. & rev. pinout),
63-ball FBGA
Yes
Yes
ACC only
No WP#
LV640MT/B
x8/x16
Boot (8x8K-byte
@ top & bottom)
48-pin TSOP, 63-ball Fine-pitch BGA,
64-ball Fortified BGA
No
Yes
WP#/ACC pin
2 x 8 Kbyte top
or bottom
LV640MH/L
x8/x16
Uniform (64K-byte)
56-pin TSOP (std. & rev. pinout),
64 Fortified BGA
Yes
Yes
WP#/ACC pin
1 x 64 Kbyte
high or low
LV641MH/L
x16
Uniform (32K-word)
48-pin TSOP (std. & rev. pinout)
Yes
No
Separate WP#
and ACC pins
1 x 32 Kword top
or bottom
LV640MU
x16
Uniform (32K-word)
63-ball Fine-pitch BGA,
64 Ball Fortified BGA
Yes
Yes
ACC only
No WP#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com