Electronic Components Datasheet Search
  English  ▼

X  

L202011TS02B2 Datasheet(PDF) 1 Page - ITT Industries

Part # L202011TS02B2
Description  Miniature Slide Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

L202011TS02B2 Datasheet(HTML) 1 Page - ITT Industries

  L202011TS02B2 Datasheet HTML 1Page - ITT Industries L202011TS02B2 Datasheet HTML 2Page - ITT Industries L202011TS02B2 Datasheet HTML 3Page - ITT Industries L202011TS02B2 Datasheet HTML 4Page - ITT Industries L202011TS02B2 Datasheet HTML 5Page - ITT Industries L202011TS02B2 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
J–18
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K L Series
Miniature Slide Switches
Features/Benefits
• Positive detent
• Enclosed housing
• Maintained and momentary functions
• PC and panel mounting
• RoHS compliant
Typical Applications
• Communications equipment
• Lighting devices
Specifications
CONTACT RATING: Q contact material (LX0X, LX1X Models): 4 AMPS
@ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC; 0.5 AMP @
125 V DC (UL/CSA). See page I-23 for additional ratings.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial
@ 2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: -30ºC to +65ºC
STORAGE TEMPERATURE: -30ºC to +85ºC
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages J-19 through J-23. For additional options not shown in catalog, consult Customer Service Center.
Models Available
Materials
HOUSING: 6/6 nylon (UL94V-2), black.
ACTUATOR: 6/6 nylon (UL94V-2), black.
‘13’ actuator, natural (standard).
CONTACTS: Q contact material: Copper, silver plated. See page
J-22 for additional contact materials.
TERMINALS: Q contact material: Copper, silver plated. See page
J-22 for additional contact materials.
CONTACT SPRING: Music wire or stainless steel.
TERMINAL SEAL: Epoxy.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For
the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
Switch Function
L202 DPDT
L203 DP3T
L101 SPST
L102 SPDT
L103 SP3T
L104 SP4T
L112 SPDT, mom.
L113 SP3T, mom. to one end
L123 SP3T, mom. to both ends
L201 DPST
L204 DP4T
L212 DPDT, mom.
Mounting Style
MS PC Thru-hole
MA Right angle, PC thru-hole
ML Right angle, PC thru-hole
MV Right angle, PC thru-hole
SS Panel with mounting ears
TS
Panel with integral mounting ears
Detent
1
With detent
2
Without detent
Actuator
01 .200" high
02 .335" high
03 .375" high
05 .312" high
11 .100" high
12 Screwdriver slot
13 Plunger without cap
14 Plunger with .200" dia. cap
15 Plunger with .310" dia. cap
17 Plunger with .458" dia. cap
19 Plunger with .590" dia. cap
Contact Material
Q Silver
B Gold
G Gold over silver
Seal
NONE No seal
E Epoxy seal
Cap Color
2
Black
NONE No cap
Terminations
02 PC Thru-hole
01 Solder lug with notch
03 Solder lug with hole
04 PC Thru-hole
10 PC Thru-hole
06 Wire wrap
12 PC Thru-hole


Similar Part No. - L202011TS02B2

ManufacturerPart #DatasheetDescription
logo
C&K Components
L20201102QE2 CK-COMPONENTS-L20201102QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
More results

Similar Description - L202011TS02B2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
Miniature Slide Switches
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
SLIDE SWITCHES - MINIATURE
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
Miniature Slide Switches
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
Miniature Slide Switches
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
Miniature Slide Switches
19 Mar 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com