Electronic Components Datasheet Search
  English  ▼

X  

E810 Datasheet(PDF) 12 Page - Intel Corporation

Part # E810
Description  Intel® Ethernet Controller E810
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E810 Datasheet(HTML) 12 Page - Intel Corporation

Back Button E810 Datasheet HTML 8Page - Intel Corporation E810 Datasheet HTML 9Page - Intel Corporation E810 Datasheet HTML 10Page - Intel Corporation E810 Datasheet HTML 11Page - Intel Corporation E810 Datasheet HTML 12Page - Intel Corporation E810 Datasheet HTML 13Page - Intel Corporation E810 Datasheet HTML 14Page - Intel Corporation E810 Datasheet HTML 15Page - Intel Corporation E810 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Table 3.
General Features for the E810
Feature
Supported in Release
Targeted1
25.2
through
25.4
25.5
25.6
26.1
26.3
26.4
26.8
27.1
through
27.2.1
27.5
through
27.6.1
27.7
28.0/
28.1
Link Flow Control
X
X
X
X
X
X
X
X
X
X
X
X
Priority Flow Control
X
X
X
X
X
X
X
X
X
X
X
X
Transmit Allocation Buffers Driver
Uses
(Range 128-4096, default is 512)
X
X
X
X
X
X
X
X
X
X
X
X
Checksum Offload (IPv4/IPv6, SCTP,
TCP, UDP, Tx/Rx)
X
X
X
X
X
X
X
X
X
X
X
X
Large Send Offload (TSO) (Up to 64
KB)
X
X
X
X
X
X
X
X
X
X
X
X
2K Tx Queues
X
X
X
X
X
X
X
X
X
X
X
X
2K Rx Queues
X
X
X
X
X
X
X
X
X
X
X
X
16K Tx Queues
---
---
---
---
---
---
---
---
---
---
---
---
Header split
---
---
---
---
---
---
---
---
---
---
---
---
VLANs
X
X
X
X
X
X
X
X
X
X
X
X
Teaming
X
X
X
X
X
X
X
X
X
X
X
X
Interrupt Moderation Rate
X
X
X
X
X
X
X
X
X
X
X
X
Message Signaled Interrupts (MSI)
---
---
---
---
---
---
---
---
---
---
---
---
Message Signaled Interrupts
(MSI-X)
X
X
X
X
X
X
X
X
X
X
X
X
Jumbo Packet (9 K max)
X
X
X
X
X
X
X
X
X
X
X
X
Receive Side Scaling (RSS)
X
X
X
X
X
X
X
X
X
X
X
X
continued...
R
Intel® Ethernet Controller E810—Features Supported
Intel® Ethernet Controller E810
Feature Support Matrix
June 2023
12
Doc. No.: 630155, Rev.: 3.9
Did this document help answer your questions?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com