Electronic Components Datasheet Search
  English  ▼

X  

CLE445W Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CLE445W
Description  Red LED, Gallium Arsenide Phosphide Flat Window Hermetic Coaxial Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CLE445W Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CLE445W Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE445W
Preliminary
Red LED, Gallium Arsenide Phosphide
Flat Window Hermetic Coaxial Package
Clairex
Technologies, Inc.
March, 2006
features
• Flat lens miniature coaxial
package
• ± 50° emitting angle
• High luminous flux
• RoHS compliant
Description
The CLE445W contains an
advanced, high output, GaAsP red
emitting LED mounted in a miniature
hermetic package. It is intended for
applications requiring uniform output
pattern over a relatively large area
and where the application requires
close mounting of emitters. Contact
Clairex for additional information.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ...................................................................... -65°C to +150°C
operating temperature ................................................................... -65°C to +125°C
lead soldering temperature
(1) ......................................................................... 260°C
continuous forward current
(2) .......................................................................... 60mA
reverse voltage ................................................................................................. 5.0V
peak forward current (1.0ms pulse width, 10% duty cycle)............................. 0.25A
continuous power dissipation
(3).................................................................... 150mW
notes:
1.
0.06” (1.5mm) from case for 5 seconds maximum.
2.
Derate linearly 0.48mA/°C from 25°C free air temperature to TA = +125°C.
3.
Derate linearly 1.20mW/°C from 25°C free air temperature to TA = +125°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
ΦV
Luminous flux
-
95
-
mlm
IF = 20mA
VF
Forward voltage
-
-
2.4
V
IF = 20mA
IR
Reverse current
-
-
10
µA
VR = 5.0V
θHP
Emission angle at half power points
-
100
-
deg.
IF = 20mA
λp
Peak Wavelength
650
660
670
nm
IF = 20mA
ANODE
.182 (4.62)
.172 (4.37)
.425 (10.79) MIN
Ø.083 (2.11)
Ø.073 (1.85)
.019 (.48)
.016 (.41)
Ø .055 (1.40)
Ø.045 (1.14)
CATHODE
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
Revised 3/20/06


Similar Part No. - CLE445W

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE445W CLAIREX-CLE445W Datasheet
104Kb / 1P
Red LED, Gallium Arsenide Phosphide Flat Window Hermetic Coaxial Package
More results

Similar Description - CLE445W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE435W ETC-CLE435W Datasheet
109Kb / 1P
Red LED, Gallium Arsenide Phosphide Flat Window Can, Hermetically Sealed
CLE545W ETC-CLE545W Datasheet
100Kb / 1P
High Power GaN Green LED Flat Window Hermetic Coaxial Package
CLE546W ETC-CLE546W Datasheet
100Kb / 1P
High Power GaN Blue LED Flat Window Hermetic Coaxial Package
CLE549W ETC-CLE549W Datasheet
100Kb / 1P
High Power GaN White LED Flat Window Hermetic Coaxial Package
logo
Clairex Technologies, I...
CLE100F CLAIREX-CLE100F Datasheet
103Kb / 1P
Gallium Arsenide IRED Flat Lead PLCC Package
CLE435W CLAIREX-CLE435W Datasheet
113Kb / 1P
Red LED, Gallium Arsenide Phosphide Flat Window Can, Hermetically Sealed
CLE445W CLAIREX-CLE445W Datasheet
104Kb / 1P
Red LED, Gallium Arsenide Phosphide Flat Window Hermetic Coaxial Package
CLE545W CLAIREX-CLE545W Datasheet
104Kb / 1P
High Power GaN Green LED Flat Window Hermetic Coaxial Package
CLE546W CLAIREX-CLE546W Datasheet
104Kb / 1P
High Power GaN Blue LED Flat Window Hermetic Coaxial Package
CLE549W CLAIREX-CLE549W Datasheet
103Kb / 1P
High Power GaN White LED Flat Window Hermetic Coaxial Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com