Electronic Components Datasheet Search
  English  ▼

X  

CLE501 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CLE501
Description  390nm UV LED Dome Lens, TO-46 Aluminum Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CLE501 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CLE501 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE501
390nm UV LED
Dome Lens, TO-46 Aluminum Package
Clairex
Technologies, Inc.
April, 2006
features
•
390nm wavelength
• ±35° emission angle
•
Cathode connected to case
• RoHS compliant
applications
•
identifying petroleum deposits in
down-hole drilling operations
•
currency validation
•
security
•
water purification
•
UV epoxy curing
description
The CLE501 contains a single
390nm LED die mounted on a
TO-46 aluminum header. Custom
variations are available which can
contain from one to more than nine
die. Special lenses and multiple
lead packages are also available.
Call Clairex for more information.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ...................................................................... -40°C to +100°C
operating temperature ................................................................... -40°C to +100°C
lead soldering temperature
(1) ......................................................................... 260°C
continuous forward current
(2) .......................................................................... 20mA
peak forward current (1.0ms pulse width, 10% duty cycle)............................... 0.5A
reverse voltage ................................................................................................. 5.0V
continuous power dissipation
(3).................................................................... 200mW
notes:
1.
0.06” (1.5mm) from case for 5 seconds maximum
2.
Derate linearly 0.21mA/°C from 25°C free air temperature to TA = +100°C.
3.
Derate linearly 3.73mW/°C from 25°C free air temperature to TA = +100°C.
Exercise caution when applying power to this unit.
It emits high amounts of UV radiation. Do not look
directly into the lens without proper eye protection.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
PO
Total power output
(4)
1.5
-
-
mW
IF = 20mA
VF
Forward voltage
-
3.0
3.9
V
IF = 20mA
IR
Reverse current
-
-
10
µA
VR = 5.0V
λp
Peak emission wavelength
375
390
405
nm
IF = 20mA
θHP
Emission angle at half power points
-
70
-
deg.
IF = 20mA
note: 4. Power output is measured in an integrating sphere.
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.100 (2.54) dia.
0.025 (0.64) max.
1.00 (25.4) min.
0.190 (4.83)
0.176 (4.47)
0.165 (4.19)
0.145 (3.68)
0.019 (0.48)
0.016 (0.41)
0.156 (3.96)
0.136 (3.45)
CATHODE
ANODE
0.050 (1.27) nom
Case 7
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
Anode lead is longer than cathode lead.
(connected
to case)


Similar Part No. - CLE501

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE501 CLAIREX-CLE501 Datasheet
104Kb / 1P
390nm UV LED Dome Lens, TO-46 Aluminum Package
More results

Similar Description - CLE501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE509 ETC-CLE509 Datasheet
102Kb / 1P
Nine Element, 390nm UV LED Array Dome Lens Can, Hermetically Sealed
logo
Clairex Technologies, I...
CLE501 CLAIREX-CLE501 Datasheet
104Kb / 1P
390nm UV LED Dome Lens, TO-46 Aluminum Package
CLE509 CLAIREX-CLE509 Datasheet
105Kb / 1P
Nine Element, 390nm UV LED Array Dome Lens Can, Hermetically Sealed
logo
LUMEX INC.
SSL-LXTO46UV1C LUMEX-SSL-LXTO46UV1C Datasheet
101Kb / 1P
385mm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46UV2C LUMEX-SSL-LXTO46UV2C Datasheet
100Kb / 1P
405mm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46UV3C LUMEX-SSL-LXTO46UV3C Datasheet
100Kb / 1P
415mm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46UV2C LUMEX-SSL-LXTO46UV2C_11 Datasheet
103Kb / 1P
405nm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46355C LUMEX-SSL-LXTO46355C Datasheet
92Kb / 1P
355nm UV LED, TO-46 CAN PACKAGE.
SSL-LXTO46375C LUMEX-SSL-LXTO46375C Datasheet
92Kb / 1P
377nm UV LED, TO-46 CAN PACKAGE.
SSL-LXTO46UV2C-F LUMEX-SSL-LXTO46UV2C-F Datasheet
76Kb / 1P
405mm UV LED, TO-46 CAN PACKAGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com