Electronic Components Datasheet Search
  English  ▼

X  

CLE535 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CLE535
Description  High Power Green LED Dome Lens Can, Hermetically Sealed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CLE535 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CLE535 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
CLE535
Preliminary
High Power Green LED
Dome Lens Can, Hermetically Sealed
Clairex
Technologies, Inc.
March, 2006
features
• Dome lens TO-46 package
• ± 11° emitting angle
• High luminous intensity
• High luminous flux
• cathode connected to case
• RoHS compliant
description
The CLE535 contains a GaN, high
power output, green LED mounted
on a TO-46 header. The TO-46
header provides the thermal
environment for reliable operation
over a wide temperature range. For
additional information, call Clairex.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature........................................................................-65°C to +150°C
operating temperature.....................................................................-65°C to +125°C
lead soldering temperature
(1) ..........................................................................260°C
continuous forward current
(2)............................................................................55mA
reverse voltage ..................................................................................................5.0V
peak forward current (1.0ms pulse width, 10% duty cycle) ..............................0.25A
continuous power dissipation
(3) .....................................................................200mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum.
2.
Derate linearly 0.44mA/°C from 25°C free air temperature to TA = +125°C.
3.
Derate linearly 1.60mW/°C from 25°C free air temperature to TA = +125°C.
®
electrical characteristics
(TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
IV
Luminous intensity
-
10,500
-
mcd
IF = 20mA
ΦV
Luminous flux
-
1,200
-
mlm
IF = 20mA
VF
Forward voltage
-
3.2
3.6
V
IF = 20mA
IR
Reverse current
-
-
10
µA
VR = 5.0V
ΘHP
Emission angle at half power points
-
22
-
deg.
IF = 20mA
λp
Peak Wavelength
520
530
540
nm
IF = 20mA
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.100 (2.54) dia.
0.025 (0.64) max.
1.00 (25.4) min.
0.190 (4.83)
0.176 (4.47)
0.165 (4.19)
0.145 (3.68)
0.019 (0.48)
0.016 (0.41)
0.156 (3.96)
0.136 (3.45)
CATHODE
ANODE
0.050 (1.27) nom
Case 7
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
(connected
to case)
Revised 3/20/06


Similar Part No. - CLE535

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE535 CLAIREX-CLE535 Datasheet
112Kb / 1P
High Power Green LED Dome Lens Can, Hermetically Sealed
logo
List of Unclassifed Man...
CLE535W ETC-CLE535W Datasheet
108Kb / 1P
High Power Green LED Flat Window Can, Hermetically Sealed
logo
Clairex Technologies, I...
CLE535W CLAIREX-CLE535W Datasheet
112Kb / 1P
High Power Green LED Flat Window Can, Hermetically Sealed
More results

Similar Description - CLE535

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE435 ETC-CLE435 Datasheet
111Kb / 1P
Red LED, Aluminum Gallium Arsenide Dome Lens Can, Hermetically Sealed
CLE509 ETC-CLE509 Datasheet
102Kb / 1P
Nine Element, 390nm UV LED Array Dome Lens Can, Hermetically Sealed
CLE536 ETC-CLE536 Datasheet
108Kb / 1P
High Power Blue LED Dome Lens Can, Hermetically Sealed
CLE539 ETC-CLE539 Datasheet
108Kb / 1P
High Power GaN White LED Dome Lens Can, Hermetically Sealed
logo
Clairex Technologies, I...
CLE435 CLAIREX-CLE435 Datasheet
115Kb / 1P
Red LED, Aluminum Gallium Arsenide Dome Lens Can, Hermetically Sealed
CLE436 CLAIREX-CLE436 Datasheet
113Kb / 1P
High Power Red LED - Minimal Infrared Content Dome Lens Can, Hermetically Sealed
CLE509 CLAIREX-CLE509 Datasheet
105Kb / 1P
Nine Element, 390nm UV LED Array Dome Lens Can, Hermetically Sealed
CLE535 CLAIREX-CLE535 Datasheet
112Kb / 1P
High Power Green LED Dome Lens Can, Hermetically Sealed
CLE536 CLAIREX-CLE536 Datasheet
112Kb / 1P
High Power Blue LED Dome Lens Can, Hermetically Sealed
CLE539 CLAIREX-CLE539 Datasheet
112Kb / 1P
High Power GaN White LED Dome Lens Can, Hermetically Sealed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com