Electronic Components Datasheet Search
  English  ▼

X  

CLE539 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CLE539
Description  High Power GaN White LED Dome Lens Can, Hermetically Sealed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CLE539 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CLE539 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
CLE539
Preliminary
High Power GaN White LED
Dome Lens Can, Hermetically Sealed
Clairex
Technologies, Inc.
October, 2004
features
• Dome lens TO-46 package
• ± 11° emitting angle
• High luminous intensity
• High luminous flux
• Cathode connected to case
description
The CLE539 contains a GaN,
high power output, blue LED
bonded to a ceramic substrate and
mounted on a TO-46 header. A
phosphor coating is applied to the
die which, when excited, emits
white light. The TO-46 header
provides the thermal environment
for reliable operation over a wide
temperature range. For additional
information, call Clairex.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature........................................................................-65°C to +150°C
operating temperature.....................................................................-65°C to +125°C
lead soldering temperature
(1) ..........................................................................260°C
continuous forward current
(2)............................................................................55mA
reverse voltage .....................................................................................................5V
peak forward current (1.0ms pulse width, 10% duty cycle) ..............................0.25A
continuous power dissipation
(3) .....................................................................200mW
notes:
1. 0.06” (1.5mm) from the header for 5 seconds maximum.
2.
Derate linearly 0.44mA/°C from 25°C free air temperature to TA = +125°C.
3.
Derate linearly 1.60mW/°C from 25°C free air temperature to TA = +125°C.
®
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
IV
Luminous intensity
-
5.5
-
cd
IF = 20mA
ΦV
Luminous flux
-
635
-
mlm
IF = 20mA
VF
Forward voltage
-
3.2
3.6
V
IF = 20mA
IR
Reverse current
-
-
5.0
µA
VR = 5.0V
ΘHP
Total angle at half power points
-
22
-
deg.
IF = 20mA
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.100 (2.54) dia.
0.025 (0.64) max.
1.00 (25.4) min.
0.190 (4.83)
0.176 (4.47)
0.165 (4.19)
0.145 (3.68)
0.019 (0.48)
0.016 (0.41)
0.156 (3.96)
0.136 (3.45)
CATHODE
ANODE
0.050 (1.27) nom
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
Revised 3/20/06


Similar Part No. - CLE539

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE539 CLAIREX-CLE539 Datasheet
112Kb / 1P
High Power GaN White LED Dome Lens Can, Hermetically Sealed
logo
List of Unclassifed Man...
CLE539W ETC-CLE539W Datasheet
107Kb / 1P
High Power GaN White LED Flat Window Can, Hermetically Sealed
logo
Clairex Technologies, I...
CLE539W CLAIREX-CLE539W Datasheet
111Kb / 1P
High Power GaN White LED Flat Window Can, Hermetically Sealed
More results

Similar Description - CLE539

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE435 ETC-CLE435 Datasheet
111Kb / 1P
Red LED, Aluminum Gallium Arsenide Dome Lens Can, Hermetically Sealed
CLE535 ETC-CLE535 Datasheet
108Kb / 1P
High Power Green LED Dome Lens Can, Hermetically Sealed
CLE536 ETC-CLE536 Datasheet
108Kb / 1P
High Power Blue LED Dome Lens Can, Hermetically Sealed
CLE539W ETC-CLE539W Datasheet
107Kb / 1P
High Power GaN White LED Flat Window Can, Hermetically Sealed
logo
Clairex Technologies, I...
CLE435 CLAIREX-CLE435 Datasheet
115Kb / 1P
Red LED, Aluminum Gallium Arsenide Dome Lens Can, Hermetically Sealed
CLE436 CLAIREX-CLE436 Datasheet
113Kb / 1P
High Power Red LED - Minimal Infrared Content Dome Lens Can, Hermetically Sealed
CLE535 CLAIREX-CLE535 Datasheet
112Kb / 1P
High Power Green LED Dome Lens Can, Hermetically Sealed
CLE536 CLAIREX-CLE536 Datasheet
112Kb / 1P
High Power Blue LED Dome Lens Can, Hermetically Sealed
CLE539 CLAIREX-CLE539 Datasheet
112Kb / 1P
High Power GaN White LED Dome Lens Can, Hermetically Sealed
CLE539W CLAIREX-CLE539W Datasheet
111Kb / 1P
High Power GaN White LED Flat Window Can, Hermetically Sealed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com