Electronic Components Datasheet Search
  English  ▼

X  

BGY67 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGY67
Description  CATV amplifier module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY67 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGY67 Datasheet HTML 1Page - NXP Semiconductors BGY67 Datasheet HTML 2Page - NXP Semiconductors BGY67 Datasheet HTML 3Page - NXP Semiconductors BGY67 Datasheet HTML 4Page - NXP Semiconductors BGY67 Datasheet HTML 5Page - NXP Semiconductors BGY67 Datasheet HTML 6Page - NXP Semiconductors BGY67 Datasheet HTML 7Page - NXP Semiconductors BGY67 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Apr 15
3
Philips Semiconductors
Product specification
CATV amplifier module
BGY67
CHARACTERISTICS
Table 1
Bandwidth 5 to 200 MHz; Tmb =30 °C; ZS =ZL =75 Ω
Notes
1. fp = 83.25 MHz; Vp = 50 dBmV;
fq = 109.25 MHz; Vq = 50 dBmV;
measured at fp +fq = 192.5 MHz.
2. Measured according to DIN45004B;
fp = 35.25 MHz; Vo =Vp;
fq = 42.25 MHz; Vq =Vo −6 dB;
fr = 44.25 MHz; Vr =Vo −6 dB;
measured at fp +fq − fr = 33.25 MHz.
3. Measured according to DIN45004B;
fp = 187.25 MHz; Vo =Vp;
fq = 194.25 MHz; Vq =Vo −6 dB;
fr = 196.25 MHz; Vr =Vo −6 dB;
measured at fp +fq − fr = 185.25 MHz.
4. The module normally operates at VB = +24 V, but is able to withstand supply transients up to +30 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gp
power gain
f = 10 MHz
21.5
−
22.5
dB
SL
slope cable equivalent
f = 5 to 200 MHz
−0.2
−
+0.5
dB
FL
flatness of frequency response
f = 5 to 200 MHz
−−±0.2
dB
S11
input return losses
f = 5 to 200 MHz
20
−−
dB
S22
output return losses
f = 5 to 200 MHz
20
−−
dB
CTB
composite triple beat
22 channels flat; Vo = 50 dBmV;
measured at 175.25 MHz
−−−67
dB
Xmod
cross modulation
22 channels flat; Vo = 50 dBmV;
measured at 55.25 MHz
−−−60
dB
d2
second order distortion
Vo = 50 dBmV; note 1
−−−67
dB
Vo
output voltage
dim = −60 dB; note 2
67
−−
dBmV
dim = −60 dB; note 3
64
−−
dBmV
F
noise figure
f = 200 MHz
−−
5.5
dB
Itot
total current consumption
DC value; VB = +24 V; note 4
−
215
230
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com