Electronic Components Datasheet Search
  English  ▼

X  

LWH5000 Datasheet(PDF) 6 Page - LUXPIA

Part # LWH5000
Description  White LED Lamp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LWH5000 Datasheet(HTML) 6 Page - LUXPIA

  LWH5000 Datasheet HTML 1Page - LUXPIA LWH5000 Datasheet HTML 2Page - LUXPIA LWH5000 Datasheet HTML 3Page - LUXPIA LWH5000 Datasheet HTML 4Page - LUXPIA LWH5000 Datasheet HTML 5Page - LUXPIA LWH5000 Datasheet HTML 6Page - LUXPIA LWH5000 Datasheet HTML 7Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LWH5000
White LED Lamp
Different and Better
Fig. 4 Radiation Characteristics
TA=25℃ , IF = 20mA
Fig. 5 Spectrum Characteristic
100
50
0
100
50
Relative Luminous Intensity Iv[%]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com