Electronic Components Datasheet Search
  English  ▼

X  

LWH3030 Datasheet(PDF) 2 Page - LUXPIA

Part # LWH3030
Description  High Brightness LED Lamp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LWH3030 Datasheet(HTML) 2 Page - LUXPIA

  LWH3030 Datasheet HTML 1Page - LUXPIA LWH3030 Datasheet HTML 2Page - LUXPIA LWH3030 Datasheet HTML 3Page - LUXPIA LWH3030 Datasheet HTML 4Page - LUXPIA LWH3030 Datasheet HTML 5Page - LUXPIA LWH3030 Datasheet HTML 6Page - LUXPIA LWH3030 Datasheet HTML 7Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
LWH3030
High Brightness LED Lamp
Different and Better
■
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Power dissipation
PD
120
mW
Forward Current
IF
30
mA
*
1Peak Forward Current
IFP
100
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-30∼85
℃
Storage Temperature
Tstg
-40∼100
℃
*
2Soldering Temperature
Tsol
260℃ for 3 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
■ Electrical – Optical characteristics
(Ta=25℃)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
*
3Forward Voltage
VF
IF= 20mA
-
3.3
4.0
V
ESD Check Forward Voltage
VF2
IF= 10㎂
2.0
-
-
V
Reverse Current
IR
VR=5V
-
-
50
uA
*
4Half Angle
θ1/2
IF= 20mA
-
±40
-
deg
*3. Voltages are tested at a current pulse duration of 1 ms and an accuracy of ±0.1V
*4.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com