Electronic Components Datasheet Search
  English  ▼

X  

STGY50NC60WD Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGY50NC60WD
Description  N-channel 600V - 50A - Max247 Very fast PowerMESH IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGY50NC60WD Datasheet(HTML) 5 Page - STMicroelectronics

  STGY50NC60WD Datasheet HTML 1Page - STMicroelectronics STGY50NC60WD Datasheet HTML 2Page - STMicroelectronics STGY50NC60WD Datasheet HTML 3Page - STMicroelectronics STGY50NC60WD Datasheet HTML 4Page - STMicroelectronics STGY50NC60WD Datasheet HTML 5Page - STMicroelectronics STGY50NC60WD Datasheet HTML 6Page - STMicroelectronics STGY50NC60WD Datasheet HTML 7Page - STMicroelectronics STGY50NC60WD Datasheet HTML 8Page - STMicroelectronics STGY50NC60WD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STGY50NC60WD
Electrical characteristics
5/11
Table 5.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 40A
RG= 10Ω, VGE= 15V,
Figure 3
52
17
2400
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 40A
RG= 10Ω, VGE= 15V,
Tj = 125°C
Figure 3
50
19
2000
ns
ns
A/µs
tr(Voff)
td(Voff)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 390V, IC = 40A
RG= 10Ω, VGE= 15V,
Figure 3
31
240
35
ns
ns
ns
tr(Voff)
td(Voff)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 390V, IC = 40A
RG= 10Ω, VGE= 15V,
Tj = 125°C
Figure 3
60
280
63
ns
ns
ns
Table 6.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
(1)
Eoff
(2)
Ets
1.
Eon is the tun-on losses when a typical diode is used in the test circuit in Figure 4 If the IGBT is offered in
a package with a co-pak diode, the co-pack diode is used as external diode. IGBTs & Diode are at the
same temperature (25°C and 125°C)
2.
Turn-off losses include also the tail of the collector current
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 40A
RG= 10Ω, VGE= 15V,
Figure 1
365
560
925
470
790
1260
µJ
µJ
µJ
Eon
(1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 40A
RG= 10Ω, VGE= 15V,
Tj = 125°C
Figure 1
635
910
1545
µJ
µJ
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com