Electronic Components Datasheet Search
  English  ▼

X  

AM29F800B-150SCB Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM29F800B-150SCB
Description  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800B-150SCB Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM29F800B-150SCB Datasheet HTML 11Page - Advanced Micro Devices AM29F800B-150SCB Datasheet HTML 12Page - Advanced Micro Devices AM29F800B-150SCB Datasheet HTML 13Page - Advanced Micro Devices AM29F800B-150SCB Datasheet HTML 14Page - Advanced Micro Devices AM29F800B-150SCB Datasheet HTML 15Page - Advanced Micro Devices AM29F800B-150SCB Datasheet HTML 16Page - Advanced Micro Devices AM29F800B-150SCB Datasheet HTML 17Page - Advanced Micro Devices AM29F800B-150SCB Datasheet HTML 18Page - Advanced Micro Devices AM29F800B-150SCB Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
8/18/97
Am29F800T/Am29F800B
15
PR E L IM IN A R Y
Sector Erase
Sector erase is a six bus cycle operation. There are two
“unlock” write cycles. These are followed by writing the
“set-up” command. Two more “unlock” write cycles are
then followed by the sector erase command. The sec-
tor address (any address location within the desired
sector) is latched on the falling edge of WE, while the
command (30H) is latched on the rising edge of WE.
After a time-out of 80
µs from the rising edge of the
last sector erase command, the sector erase operation
will begin.
Multiple sectors may be erased sequentially by writing
the six bus cycle operations as described above. This
sequence is followed with writes of the Sector Erase
command to addresses in other sectors desired to be
sequentially erased. The time between writes must be
less than 80
µs otherwise that command will not be ac-
cepted and erasure will start. It is recommended that
processor interrupts be disabled during this time to
guarantee this condition. The interrupts can be re-en-
abled after the last Sector Erase command is written. A
time-out of 80
µs from the rising edge of the last WE will
initiate the execution of the Sector Erase command(s).
If another falling edge of the WE occurs within the 80
µs time-out window the timer is reset. (Monitor DQ3 to
determine if the sector erase timer window is still open.
See DQ3, Sector Erase Timer.) Any command other
than Sector Erase or Erase Suspend during this period
will reset the device to the read mode, ignoring the pre-
vious command string. In that case, restart the erase
on those sectors and allow them to complete.
Loading the sector erase buffer may be done in
any sequence and with any number of sectors (0 to18).
Refer to DQ3, Sector Erase Timer, in the Write Opera-
tion Status section.
Sector erase does
not require the user to program the
device prior to erase. The device automatically pro-
grams all memory locations in the sector(s) to be
erased prior to electrical erase. When erasing a sector
or sectors the remaining unselected sectors are not af-
fected. The system is
not required to provide any con-
trols or timings during these operations.
The automatic sector erase begins after the 80
µs time
out from the rising edge of the WE pulse for the last
sector erase command pulse and terminates when the
data on DQ7, Data Polling, is “1” (see Write Operation
Status section) at which time the device returns to the
read mode. Data Polling must be performed at an ad-
dress within any of the sectors being erased.
Figure 2 illustrates the Embedded Erase Algorithm
using typical command strings and bus operations.
Erase Suspend
The Erase Suspend command allows the user to inter-
rupt a Sector Erase operation and then perform data
reads or programs to a sector not being erased. This
command is applicable ONLY during the Sector Erase
operation which includes the time-out period for sector
erase. The Erase Suspend command will be ignored if
written during the Chip Erase operation or Embedded
Program Algorithm. Writing the Erase Suspend com-
mand during the Sector Erase time-out results in imme-
diate termination of the time-out period and suspension
of the erase operation.
Any other command written during the Erase Suspend
mode
will
be
ignored
exc ept
the
Eras e
Resume command. Writing the Erase Resume com-
mand resumes the erase operation. The addresses are
“don’t-cares” when writing the Erase Suspend or Erase
Resume command.
When the Erase Suspend command is written during a
Sector Erase operation, the chip will take a maximum
of 20
µs to suspend the operation and go into erase
suspended mode, at which time the user can read or
program from a sector that is not being erased. Read-
ing data in this mode is the same as reading from the
standard read mode, except that the data must be read
from sectors that have not been erase suspended.
Successively reading from the erase-suspended sec-
tor while the device is in the erase-suspend-read mode
will cause DQ2 to toggle. After entering the erase-sus-
pend mode, the user can program the device by writing
the appropriate command sequence for Byte Program.
This program mode is known as the erase sus-
pend-program mode. Again, programming in this mode
is the same as programming in regular Byte Program
mode, except that the data must be programmed to
sectors that are not erase suspended. Successively
reading from the erase suspended sector while the de-
vice is in the erase suspend-program mode will cause
DQ2 to toggle. The end of the erase suspend-program
operation is detected by the RY/BY output pin, DATA
Polling of DQ7, or by the Toggle Bit (DQ6), which is the
same as the regular Byte Program operation. Note that
DQ7 must be read from the Byte Program address
while DQ6 can be read from any address.
When the erase operation has been suspended, the de-
vice defaults to the erase-suspend-read mode. Reading
data in this mode is the same as reading from the stan-
dard read mode except that the data must be read from
sectors that have not been erase-suspended.
To resume the operation of Sector Erase, the Resume
command (30H) should be written. Any further writes of
the Resume command at this point will be ignored. An-
other Erase Suspend command can be written after the
chip has resumed erasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com