Electronic Components Datasheet Search
  English  ▼

X  

CTN368 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CTN368
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CTN368 Datasheet(HTML) 1 Page - Continental Device India Limited

  CTN368 Datasheet HTML 1Page - Continental Device India Limited CTN368 Datasheet HTML 2Page - Continental Device India Limited CTN368 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CTN368
CTN369
TO-237
Plastic Package
Complementary CTN 369
Amplifier Transistors.
ABSOLUTE MAXIMUM RATINGS(Ta=25º C unless specified otherwise )
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCES
25
V
Collector -Emitter Voltage
VCEO
20
V
Emitter Base Voltage
VEBO
5V
Collector Current Continuous
IC
1A
Total Power Dissipation @TA=25ºC
PD
1.0
W
Derate Above =25ºC
6.4
mW/ºC
Total Power Dissipation @TC=25ºC
PD
2.75
W
Derate Above =25ºC
22
mW/ºC
Operating and Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
45
ºC/W
Juction to Ambient
Rth(j-a)
156
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise )
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNIT
Collector Emitter Breakdown Voltage
VCEO
IC=10mA, IB=0
20
V
Collector Base Breakdown Voltage
VCBO
IC=100µA, IE=0
25
V
Emitter Base Breakdown Voltage
VEBO
IE=100µA, IC=0
5V
Collector Cut off Current
ICBO
VCB=25V, IE=0
10
µA
IE=0, VCB=25V,
1
Tj=150ºC
Emitter Cut off Current
IEBO
VEB=5V, IC=0
10
µA
Base Emitter on Voltage
VBE(on)
IC=1A, VCE=1V
1V
Collector Emitter Saturation Voltage
VCE(sat)
IC=1A,IB=100mA
0.5
V
DC Current Gain
hFE
IC=5mA,VCE=10V
50
IC=500mA,VCE=1V
85
375
IC=1A,VCE=1V
60
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
VCE=5V, IC=10mA,
65
MHz
f=20MHz
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CTN368

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CTN1A-C-1003ADPLM AAC-CTN1A-C-1003ADPLM Datasheet
126Kb / 2P
Ultra Precision Resistor Arrays & Networks
CTN1A-C-1003ADPNM AAC-CTN1A-C-1003ADPNM Datasheet
126Kb / 2P
Ultra Precision Resistor Arrays & Networks
CTN1A-C-1003ADQLM AAC-CTN1A-C-1003ADQLM Datasheet
126Kb / 2P
Ultra Precision Resistor Arrays & Networks
CTN1A-C-1003ADQNM AAC-CTN1A-C-1003ADQNM Datasheet
126Kb / 2P
Ultra Precision Resistor Arrays & Networks
CTN1A-C-1003ADXLM AAC-CTN1A-C-1003ADXLM Datasheet
126Kb / 2P
Ultra Precision Resistor Arrays & Networks
More results

Similar Description - CTN368

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com