Electronic Components Datasheet Search
  English  ▼

X  

AM29F800T-150SIB Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29F800T-150SIB
Description  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800T-150SIB Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29F800T-150SIB Datasheet HTML 3Page - Advanced Micro Devices AM29F800T-150SIB Datasheet HTML 4Page - Advanced Micro Devices AM29F800T-150SIB Datasheet HTML 5Page - Advanced Micro Devices AM29F800T-150SIB Datasheet HTML 6Page - Advanced Micro Devices AM29F800T-150SIB Datasheet HTML 7Page - Advanced Micro Devices AM29F800T-150SIB Datasheet HTML 8Page - Advanced Micro Devices AM29F800T-150SIB Datasheet HTML 9Page - Advanced Micro Devices AM29F800T-150SIB Datasheet HTML 10Page - Advanced Micro Devices AM29F800T-150SIB Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
8/18/97
Am29F800T/Am29F800B
7
PR E L IM IN A R Y
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
TEMPERATURE RANGE
C = Commercial (0
°C to +70°C)
I = Industrial (–40
°C to +85°C)
E = Extended (–55
°C to +125°C)
PACKAGE TYPE
E = 48-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 048)
F = 48-Pin Thin Small Outline Package (TSOP)
Reverse Pinout (TSR048)
S = 44-Pin Small Outline Package (SO 044)
DEVICE NUMBER/DESCRIPTION
Am29F800
8 Megabit (1M x 8-Bit/512K x 16-Bit) CMOS Flash Memory
5.0 Volt-only Program and Erase
AM29F800
-70
E
C
OPTIONAL PROCESSING
Blank = Standard Processing
B
= Burn-In
B
SPEED OPTION
See Product Selector Guide and
Valid Combinations
T
BOOT CODE SECTOR ARCHITECTURE
T = Top sector
B = Bottom sector
Valid Combinations
AM29F800T-70,
AM29F800B-70
EC, EI, FC, FI, SC, SI
AM29F800T-90,
AM29F800B-90
EC, EI, EE, EEB,
FC, FI, FE, FEB,
SC, SI, SE, SEB
AM29F800T-120,
AM29F800B-120
AM29F800T-150,
AM29F800B-150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com