Electronic Components Datasheet Search
  English  ▼

X  

AM29F800B-150SIB Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM29F800B-150SIB
Description  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800B-150SIB Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM29F800B-150SIB Datasheet HTML 33Page - Advanced Micro Devices AM29F800B-150SIB Datasheet HTML 34Page - Advanced Micro Devices AM29F800B-150SIB Datasheet HTML 35Page - Advanced Micro Devices AM29F800B-150SIB Datasheet HTML 36Page - Advanced Micro Devices AM29F800B-150SIB Datasheet HTML 37Page - Advanced Micro Devices AM29F800B-150SIB Datasheet HTML 38Page - Advanced Micro Devices AM29F800B-150SIB Datasheet HTML 39Page - Advanced Micro Devices AM29F800B-150SIB Datasheet HTML 40Page - Advanced Micro Devices AM29F800B-150SIB Datasheet HTML 41Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
8/18/97
Am29F800T/Am29F800B
39
PR E L IM IN A R Y
PHYSICAL DIMENSIONS (continued)
TSR048
48-Pin Reversed Thin Small Outline Package (measured in millimeters)
48
25
1
24
18.30
18.50
19.80
20.20
11.90
12.10
SEATING PLANE
0.05
0.15
0.50 BSC
0.95
1.05
16-038-TS48
TSR048
DA104
8-8-94 ae
Pin 1 I.D.
1.20
MAX
0.50
0.70
0.10
0.21
0.25MM (0.0098") BSC
0
°
5
°
0.08
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com