Electronic Components Datasheet Search
  English  ▼

X  

41.31 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 41.31
Description  Low profile PCB relays 8 - 12 - 16 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

41.31 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 41.31 Datasheet HTML 2Page - List of Unclassifed Manufacturers 41.31 Datasheet HTML 3Page - List of Unclassifed Manufacturers 41.31 Datasheet HTML 4Page - List of Unclassifed Manufacturers 41.31 Datasheet HTML 5Page - List of Unclassifed Manufacturers 41.31 Datasheet HTML 6Page - List of Unclassifed Manufacturers 41.31 Datasheet HTML 7Page - List of Unclassifed Manufacturers 41.31 Datasheet HTML 8Page - List of Unclassifed Manufacturers 41.31 Datasheet HTML 9Page - List of Unclassifed Manufacturers 41.31 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
93.52
Screwless terminal socket 35 mm (EN 60715) mounting
Supply voltage
Relay type
Socket type
6 V AC/DC
41.52.9.005.0010
93.52.0.024
12 V AC/DC
41.52.9.012.0010
93.52.0.024
24 V AC/DC
41.52.9.024.0010 or 41.81.7.024.xxxx 93.52.0.024
60 V AC/DC
41.52.9.060.0010
93.52.0.060
(110...125)V AC/DC
41.52.9.110.0010
93.52.0.125
(220...240)V AC/DC
41.52.9.110.0010
93.52.0.240
(230...240)V AC
41.52.9.110.0010
93.52.8.230
6 V DC
41.52.9.005.0010
93.52.7.024
12 V DC
41.52.9.012.0010 or 41.81.7.012.xxxx 93.52.7.024
24 V DC
41.52.9.024.0010 or 41.81.7.024.xxxx 93.52.7.024
48 V DC
41.52.9.048.0010
93.52.7.060
60 V DC
41.52.9.060.0010
93.52.7.060
Accessories
8-way jumper link
093.08 (see table below)
Plastic separator
093.01 (see table below)
Sheet of marker tags, 72 tags
090.72 (see table below)
Technical data
Rated values
10 A - 250 V
Dielectric strength
6 kV (1.2/50 µs) between coil and contacts
Protection category
IP 20
Ambient temperature
°C (–40…+70)°C - (UN ≤ 60 V DC), (–40…+55)°C - (UN > 60 V DC)
Wire strip length
mm 8
Max. wire size for 93.52 socket
solid wire
stranded wire
mm
2
1x2.5
1x2.5
AWG 1x14
1x14
Approvals
(according to type):
93 Series - Sockets and accessories for 41 series relays
Accessories
Approvals
(according to type):
8-way jumper link for 93.02 and 93.52 sockets
093.08 (blue)
093.08.0 (black)
Rated values
10 A - 250 V
Plastic separator for 93.02 and 93.52 sockets
093.01
Thickness 2 mm, required at the start and the end of a group of interfaces.
Can be used for visual separation group, must be used for:
- protective separation of different voltages of neighbouring PLC interfaces according to VDE 0106-101
- protection of cut jumper links
Sheet of marker tags for 38.x2, plastic, 72 tags, 6x12 mm 060.72
8
093.08
093.01
060.72



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com