Electronic Components Datasheet Search
  English  ▼

X  

D-M9BWN Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # D-M9BWN
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWN Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button D-M9BWN Datasheet HTML 9Page - List of Unclassifed Manufacturers D-M9BWN Datasheet HTML 10Page - List of Unclassifed Manufacturers D-M9BWN Datasheet HTML 11Page - List of Unclassifed Manufacturers D-M9BWN Datasheet HTML 12Page - List of Unclassifed Manufacturers D-M9BWN Datasheet HTML 13Page - List of Unclassifed Manufacturers D-M9BWN Datasheet HTML 14Page - List of Unclassifed Manufacturers D-M9BWN Datasheet HTML 15Page - List of Unclassifed Manufacturers D-M9BWN Datasheet HTML 16Page - List of Unclassifed Manufacturers D-M9BWN Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
Prior to Use
Auto Switch Connection and Example
Relay
Relay
Input
COM
COM
Input
COM
Input
COM
Input
2-wire OR connection
2-wire AND connection
3-wire OR connection for PNP output
(Performed with auto switches only)
(Using relays)
3-wire AND connection for PNP output
3-wire OR connection for NPN output
(Performed with auto switches only)
(Using relays)
3-wire AND connection for NPN output
(PLC internal circuit)
(PLC internal circuit)
(PLC internal circuit)
(PLC internal circuit)
2-wire
3-wire, PNP
2-wire
3-wire, NPN
Load
Load
Load
Load
Load
Load
Load
Load
Blue
Black
Brown
Auto switch 2
Blue
Black
Brown
Auto switch 1
Blue
Black
Brown
Auto switch 2
Blue
Black
Brown
Auto switch 1
Blue
Black
Brown
Auto switch 2
Blue
Black
Brown
Auto switch 1
Blue
Black
Brown
Auto switch 2
Blue
Black
Brown
Auto switch 1
Blue
Brown
Auto switch 2
Blue
Brown
Auto switch 1
Blue
Black
Brown
Auto switch 2
Blue
Black
Brown
Auto switch 1
Blue
Brown
Auto switch 2
Blue
Brown
Auto switch 1
Blue
Black
Brown
Auto switch 2
Blue
Black
Brown
Auto switch 1
Blue
Brown
Blue
Brown
Blue
Black
Brown
Blue
Black
Brown
Auto switch
Auto switch
Auto switch
Auto switch
Example of AND (Series) and OR (Parallel) Connection
Sink Input Specifications
Source Input Specifications
Load voltage at ON = Power supply voltage –
Residual voltage x 2 pcs.
= 24 V − 4 V x 2 pcs.
= 16 V
Example: Power supply is 24 VDC
Internal voltage drop in auto switch is 4 V.
Load voltage at OFF = Leakage current x 2 pcs. x
Load impedance
= 1 mA x 2 pcs. x 3 k
Ω
= 6 V
Example: Load impedance is 3 k
Ω.
Leakage current from auto switch is 1 mA.
(Solid state)
(Reed)
When two auto switches are
connected in series, a load
may malfunction because
the load voltage will decline
when in the ON state.
The indicator lights will light
up when both of the auto
switches are in the ON state.
Auto switches with load
voltage less than 20V
cannot be used.
When two auto
switches are
connected in parallel,
malfunction may occur
because the load
voltage will increase
when in the OFF state.
Because there is no
current leakage, the load
voltage will not increase
when turned OFF.
However, depending on
the number of auto
switches in the ON state,
the indicator lights may
sometimes grow dim or
not light up, due to the
dispersion and reduction
of the current flowing to
the auto switches.
Connect according to the applicable PLC input specifications, as the connection method will vary depending on the PLC input specifications.
∗ When using solid state auto switches, ensure the application is set up so the signals for the first 50 ms are invalid.
Depending on the operating environment, the product may not operate properly.
1588
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com