Electronic Components Datasheet Search
  English  ▼

X  

D-M9BWMBPC Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # D-M9BWMBPC
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWMBPC Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button D-M9BWMBPC Datasheet HTML 31Page - List of Unclassifed Manufacturers D-M9BWMBPC Datasheet HTML 32Page - List of Unclassifed Manufacturers D-M9BWMBPC Datasheet HTML 33Page - List of Unclassifed Manufacturers D-M9BWMBPC Datasheet HTML 34Page - List of Unclassifed Manufacturers D-M9BWMBPC Datasheet HTML 35Page - List of Unclassifed Manufacturers D-M9BWMBPC Datasheet HTML 36Page - List of Unclassifed Manufacturers D-M9BWMBPC Datasheet HTML 37Page - List of Unclassifed Manufacturers D-M9BWMBPC Datasheet HTML 38Page - List of Unclassifed Manufacturers D-M9BWMBPC Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
Dimensions
Grommet
Note 1) Refer to page 1584 for solid state auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
Weight
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
D-Y7NW(V)
D-Y7PW(V)
D-Y7BW(V)
11
54
88
(g)
(mm)
Lead wire length
D-Y7
W
D-Y7
WV
2 cores (Brown/Blue)
Auto switch model
D-Y7NW
D-Y7PW
D-Y7BW
3 cores (Brown/Blue/Black)
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
ø3.4
ø1.0
0.15
ø0.05
21
Oilproof Flexible Heavy-duty Lead Wire Specifications
RoHS
 The proper operating range
can be determined by the
color of the light.
(Red
→ Green ← Red)
 Using flexible cable as
standard spec.
D-Y7
W, D-Y7WV (With indicator light)
Auto switch model
Electrical entry direction
Wiring type
Output type
Applicable load
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Standard
D-Y7NW
In-line
D-Y7NWV
Perpendicular
D-Y7BWV
Perpendicular
D-Y7PWV
Perpendicular
D-Y7BW
D-Y7PW
In-line
1.5 V or less
(0.8 V or less
at 10 mA load current)
CE marking, RoHS
Auto Switch Specifications
Refer to SMC website for the details of
the products conforming to the
international standards.
PLC: Programmable Logic Controller
Operating range .......... Red LED illuminates.
Proper operating range .......... Green LED illuminates.
2-wire
—
24 VDC relay, PLC
—
—
24 VDC (10 to 28 VDC)
2.5 to 40 mA
4 V or less
0.8 mA or less at 24 VDC
In-line
PNP
—
80 mA or less
0.8 V or less
NPN
28 VDC or less
40 mA or less
5, 12, 24 VDC (4.5 to 28 VDC)
100
µA or less at 24 VDC
10 mA or less
IC circuit, Relay, PLC
3-wire
M2.5 x 4 L
Slotted set screw
Indicator light
Most sensitive position
2.5
29
12.5
M2.5 x 4 L
Slotted set screw
Indicator light
27.3
12.5
2.5
ø3.4
Most sensitive position
1608
2-Color Indicator Solid State Auto Switch
Direct Mounting Type
D-Y7NW(V)/D-Y7PW(V)/D-Y7BW(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com