Electronic Components Datasheet Search
  English  ▼

X  

AM29F800T-150EEB Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM29F800T-150EEB
Description  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800T-150EEB Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM29F800T-150EEB Datasheet HTML 1Page - Advanced Micro Devices AM29F800T-150EEB Datasheet HTML 2Page - Advanced Micro Devices AM29F800T-150EEB Datasheet HTML 3Page - Advanced Micro Devices AM29F800T-150EEB Datasheet HTML 4Page - Advanced Micro Devices AM29F800T-150EEB Datasheet HTML 5Page - Advanced Micro Devices AM29F800T-150EEB Datasheet HTML 6Page - Advanced Micro Devices AM29F800T-150EEB Datasheet HTML 7Page - Advanced Micro Devices AM29F800T-150EEB Datasheet HTML 8Page - Advanced Micro Devices AM29F800T-150EEB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
PRELIMINARY
8/18/97
Publication# 20375
Rev: C Amendment/+1
Issue Date: August 1997
Am29F800T/Am29F800B
8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS
5.0 Volt-only, Sector Erase Flash Memory
DISTINCTIVE CHARACTERISTICS
s 5.0 V
± 10% for read and write operations
— Minimizes system level power requirements
s Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash
— Superior inadvertent write protection
s Package options
— 44-pin SO
— 48-pin TSOP
s Minimum 100,000 write/erase cycles guaranteed
s High performance
— 70 ns maximum access time
s Sector erase architecture
— One 16 Kbyte, two 8 Kbytes, one 32 Kbyte, and
fifteen 64 Kbytes
— Any combination of sectors can be erased. Also
supports full chip erase.
s Sector protection
— Hardware method that disables any combination
of sectors from write or erase operations.
Implemented using standard PROM
programming equipment.
s Embedded Erase Algorithm
— Automatically pre-programs and erases the chip
or any sector
s Embedded Program Algorithm
— Automatically programs and verifies data at
specified address
s Data Polling and Toggle Bit feature for detection
of program or erase cycle completion
s Ready/Busy output (RY/BY)
— Hardware method for detection of program or
erase cycle completion
s Erase Suspend/Resume
— Supports reading data from or programming
data to a sector not being erased
s Low power consumption
— 20 mA typical active read current for Byte Mode
— 28 mA typical active read current for Word Mode
— 30 mA typical program/erase current
s Enhanced power management for standby
mode
—1
µA typical standby current
s Boot Code Sector Architecture
— T = Top sector
— B = Bottom sector
s Hardware RESET pin
— Resets internal state machine to the read mode
GENERAL DESCRIPTION
The Am29F800 is an 8 Mbit, 5.0 Volt-only Flash mem-
ory organized as 1 Mbyte of 8 bits each or 512K words
of 16 bits each. For flexible erase capability, the 8 Mbits
of data are divided into 19 sectors as follows: one 16
Kbyte, two 8 Kbyte, one 32 Kbyte, and fifteen 64 Kbyte.
Eight bits of data appear on DQ0–DQ7 in byte mode; in
word mode 16 bits appear on DQ0–DQ15. The
Am29F800 is offered in 44-pin SO and 48-pin TSOP
packages. This device is designed to be programmed
in-system with the standard system 5.0 Volt VCC sup-
ply. A VPP of 12.0 volts is not required for program or
erase operations. The device can also be programmed
in standard EPROM programmers.
The standard Am29F800 offers access times of 70 ns, 90
ns, 120 ns, and 150 ns, allowing high-speed micropro-
cessors to operate without wait states. To eliminate bus
contention, the device has separate chip enable (CE),
write enable (WE), and output enable (OE) controls.
The Am29F800 is entirely command set compatible
with the JEDEC single-power-supply Flash standard.
Commands are written to the command register using
standard microprocessor write timings. Register con-
tents serve as input to an internal state-machine which
controls the erase and program circuitry. Write cycles
also internally latch addresses and data needed for the
programming and erase operations. Reading data out


Similar Part No. - AM29F800T-150EEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F800 AMD-AM29F800 Datasheet
207Kb / 9P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
1Mb / 44P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F800B-1 AMD-AM29F800B-1 Datasheet
207Kb / 9P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F800BB-120DGC AMD-AM29F800BB-120DGC Datasheet
207Kb / 9P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
More results

Similar Description - AM29F800T-150EEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F017B AMD-AM29F017B Datasheet
443Kb / 35P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F400AT AMD-AM29F400AT Datasheet
136Kb / 35P
4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29LV081B AMD-AM29LV081B Datasheet
39Kb / 6P
8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory
logo
Hynix Semiconductor
HY29F040A HYNIX-HY29F040A Datasheet
282Kb / 40P
512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
logo
Advanced Micro Devices
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29F016 AMD-AM29F016 Datasheet
219Kb / 36P
16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Advanced Micro Devices
AM29F017D AMD-AM29F017D Datasheet
797Kb / 41P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016D AMD-AM29F016D_02 Datasheet
252Kb / 12P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com