Electronic Components Datasheet Search
  English  ▼

X  

IP-11 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # IP-11
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-11 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button IP-11 Datasheet HTML 74Page - List of Unclassifed Manufacturers IP-11 Datasheet HTML 75Page - List of Unclassifed Manufacturers IP-11 Datasheet HTML 76Page - List of Unclassifed Manufacturers IP-11 Datasheet HTML 77Page - List of Unclassifed Manufacturers IP-11 Datasheet HTML 78Page - List of Unclassifed Manufacturers IP-11 Datasheet HTML 79Page - List of Unclassifed Manufacturers IP-11 Datasheet HTML 80Page - List of Unclassifed Manufacturers IP-11 Datasheet HTML 81Page - List of Unclassifed Manufacturers IP-11 Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
2
22
8.5
8
ø3.2
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
10
47
—
10
47
—
11
52
—
10
47
77
D-A72H
D-A73H
D-A76H
D-A80H
Lead wire length
D-A7
H (With indicator light)
Auto switch model
Applicable load
Load voltage
Max. load current/Load current range(3)
Internal circuit
∗
Contact protection circuit
Internal voltage drop
Indicator light
Standard
100 VAC
5 to 20 mA
D-A72H
Relay, PLC
200 VAC
5 to 10 mA
D-A73H
Relay, PLC
None
Red LED illuminates when turned ON.
CE marking
e
D-A80H
Relay, IC circuit, PLC
40 mA
r
None
1
Ω or less (Including lead wire length of 3 m)
CE marking
D-A80H (Without indicator light)
Auto switch model
Applicable load
Load voltage
Maximum load current
Internal circuit
∗
Contact protection circuit
Internal resistance
Standard
20mA
50 mA
∗ Refer to the applicable internal circuit diagram (numbers q to u) on page 1587.
Note 1) Refer to page 1584 for reed auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
Note 3) Under 5 mA, the strength of the indicator light is poor. In some cases, visibility of the
indicator light will not be possible where the output signal is less than 2.5 mA. However,
there is no problem in terms of contact output, when an output signal exceeds 1 mA or
more.
Note 4) The auto switches can operate at 12 VDC, but consider the internal voltage drop of the
auto switch described in Reed Auto Switch Precautions on page 12.
2 cores (Brown/Blue)
Auto switch model
Lead wire minimum bending radius [mm] (Reference values)
D-A72H/A73H
D-A76H
D-A80H
2 cores (Brown/Blue)
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
ø3.4
3 cores (Brown/Blue/Black)
ø1.1
0.2
ø0.08
21
Oilproof Heavy-duty Lead Wire Specifications
24 VDC (4)
5 to 40 mA
e
2.4 V or less
D-A76H
IC circuit
4 to 8 VDC
20 mA
t
0.8 V or less
Grommet
Electrical entry: In-line
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
24 V
or less
AC
DC
48 V AC
DC
100 V AC
DC
Weight
(g)
Dimensions
D-A7
H, D-A80H
(mm)
Indicator light
D-A80H without
indicator light
Most sensitive position
Reed Auto Switch
Rail Mounting Type
D-A7
H/D-A80H
1659
D-
D-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com