Electronic Components Datasheet Search
  English  ▼

X  

IP-62 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # IP-62
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-62 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button IP-62 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP-62 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP-62 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP-62 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP-62 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP-62 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP-62 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP-62 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP-62 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
Prior to Use
Auto Switches Common Specifications 2
Refer to the Auto Switch Precautions on pages 8 to 12 before using auto switches.
A position (sensor layout position) where the sensitivity is highest on the detection surface of the auto switch enclosure.
When the center of the magnet is aligned with this position, this becomes almost the center of the operating range and stable
operation can be obtained.
One of elements making up the sequence control.
The PLC is so designed that it receives signals, such as auto switch output and outputs them to other devices so as to
perform the electrical control according to the preset program.
A temperature range, in which the auto switch can be used.
If significant temperature change or freezing occurs even in this temperature range, this may cause the auto switch to
malfunction.
A voltage, at which the auto switch can be used.
The operating voltage is indicated using generally used voltage (24 VDC or 100 VAC, etc.).
For 2-wire type, the operating voltage has the same meaning as the power supply voltage or load voltage.
A range of the current value that can be flowed to the output of the auto switch.
If the operating current is lower than this range, the auto switch does not operate correctly. Conversely, if the operating
current is higher than this range, this may cause the auto switch to break.
This current value is necessary for the 3-wire type auto switch to operate the circuit through the power cable.
For 2-wire type, as the current consumption is a part of the load current, it is not defined.
A resistance between the electric circuit and enclosure.
Unless otherwise described particularly, 50 M
Ω (Min) is used for auto switch.
An auto switch, for which measures against effects arising from external (welding) magnetic field generated in the spot weld-
ing process, etc. are taken.
The solid state auto switch functions as it detects the frequency of the applied magnetic field. If the external magnetic field
(AC) is applied, the last signal is retained not to be affected by the external magnetic field. This system can be used by the
cylinder with normal magnetic force.
The reed auto switch built-in a magnetic field shielded sensor with a low sensitivity to make the effect of the external mag-
netic field (DC or AC magnetic field) insusceptible. Therefore, a dedicated cylinder built-in the strong magnet needs to be
selected and there is also an operable range (conditions).
A minimum acceleration that may cause the auto switch to malfunction or break when the standard impact is applied.
A model, long-term water resistance of which is improved by taking structural measures for the general (general purpose)
product.
A tolerance dose when the voltage is applied to the portion between the electrical circuit and enclosure.
The withstand voltage shows a strength level of the product against the voltage. If a voltage exceeding the withstand voltage
is applied, this may cause the product to break. (The voltage described here is different from the power supply voltage nec-
essary to operate the product.)
A dimension that shows the mounting position when the position is detected at the stroke end of the cylinder.
As this position is set, the maximum sensitivity position is aligned with the center of the magnet. However, make the adjust-
ment with the actual machine by considering the characteristic difference during actual setting.
When an adjustment allowance is needed for the detection before the stroke, set a value with an adjustment allowance
added to the proper mounting position.
A device that is assumed as a target load of the auto switch.
A period of time until the auto switch output becomes stable after the magnetic force to operate the auto switch has been
received.
An auto switch operating range in response to the cylinder piston movement (ON length in response to the stroke). The oper-
ating range is determined by the magnetic force of the magnet (range, in which the magnetic force acts) and switch sensitivity.
So, the operating range may vary as these conditions are changed by the ambient environment, etc.
The operating range in the standard status (normal temperature, single cylinder, magnetic force, and sensitivity, etc.) is
described in the catalog.
Note) Hysteresis may fluctuate due to the operating environment.
Please contact SMC if hysteresis causes an operational problem.
Meaning
Term
Hysteresis
Auto switch
Switch
operating
position
(ON)
Hysteresis Reed auto switch: 2 mm or less
Solid state auto switch: 1 mm or less
Switch
operating
position
(OFF)
Most sensitive position
Programmable Logic
Controller (PLC)
Operating
temperature range
Operating voltage
Operating
current range
Current consumption
Insulation resistance
Magnetic field resistant
auto switch
Impact resistance value
Water-resistant type
auto switch
Withstand voltage
Proper mounting
position
Operating range
Operating time
Applicable load
A deviation amount between the ON position and OFF position caused by
auto switch characteristics (difference in sensitivity between ON and OFF).
When the switch is turned ON once and the switch (or piston) is moved in
the opposite direction, a symptom occurs that the position where the switch
turns OFF deviates to a position where it is further returned from the ON po-
sition. This deviation amount is called “hysteresis”.
1585
D-
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com