Electronic Components Datasheet Search
  English  ▼

X  

RGBP01 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # RGBP01
Description  GBP Plastic-Encapsulate Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

RGBP01 Datasheet(HTML) 1 Page - Nanjing International Group Co

  RGBP01 Datasheet HTML 1Page - Nanjing International Group Co RGBP01 Datasheet HTML 2Page - Nanjing International Group Co RGBP01 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
11
Fast Recovery
Bridge Rectifier
● IF(AV)
2A
●
50V-1000V
● High surge current capability
Applications
● Rectifier
Marking
Polarity: Color band denotes cathode
●
Features
VRRM
Notes:
Item
Symbol
Unit
Test Condition
Between junction and ambient
Between junction and terminal
Thermal
Resistance(Typical)
IF=2.0A
Peak Forward Voltage
Electrical Characteristics (T=25℃ Unless otherwise specified)
50
40
Peak Reverse Current
IRRM1
IRRM2
Ta=25℃
Ta=100℃
RθJ-A
RθJ-L
VF
V
℃
/ W
VRM=VRRM
μ
A
Maximum reverse recovery
time
=0.25A
trr
ns
IF=0.5A,IR=1.0A,Irr
150
500
250
200
2.5
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.27" x 0.27" (7.0 mm x 7.0 mm) copper
pad areas
GBP Plastic-Encapsulate Bridge Rectifier
RGBP2005 THRU RGBP210
●
: From 005 To 10
XX
RGBP2XX
GBP
06 08
10
005 01 02
04
Item
Symbol Unit
Conditions
005 01 02 04 06 08 10
Repetitive Peak Reverse
Voltage
VRRM
V
50
100 200 400 600 800 1000
Average Rectified Output
Current
IO
A
60Hz sine wave, R-
load
Tc=
0℃
2.0
Surge(Non-
repetitive)Forward Current
IFSM
A
60HZ sine wave, 1 cycle, Tj=25℃
Current Squared Time
I
2t
A
2S 1ms≤t<8.3ms Tj=25℃,Rating of per diode
15
Storage Temperature
Tstg
℃
-55 ~+150
Junction Temperature
Tj
℃
-55 ~+150
RGBP
RGBP
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
1/3
1.05
65


Similar Part No. - RGBP01

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
RGBP080806-PCTC7 CTMICRO-RGBP080806-PCTC7 Datasheet
1Mb / 11P
Multi-Wavelength SMD Type
Rev 2 Jan, 2021
More results

Similar Description - RGBP01

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
MB05M HOTTECH-MB05M Datasheet
269Kb / 2P
Plastic-Encapsulate Bridge Rectifier
logo
Jiangsu High diode Semi...
DB101S HDSEMI-DB101S Datasheet
1Mb / 3P
DBS Plastic-Encapsulate Bridge Rectifier
DB151 HDSEMI-DB151 Datasheet
1Mb / 3P
DB Plastic-Encapsulate Bridge Rectifier
DB201 HDSEMI-DB201 Datasheet
1Mb / 3P
DB Plastic-Encapsulate Bridge Rectifier
DBF2005 HDSEMI-DBF2005 Datasheet
1Mb / 3P
DBF Plastic-Encapsulate Bridge Rectifier
GBP005 HDSEMI-GBP005 Datasheet
1Mb / 3P
GBP Plastic-Encapsulate Bridge Rectifier
GBP2005 HDSEMI-GBP2005 Datasheet
1Mb / 3P
GBP Plastic-Encapsulate Bridge Rectifier
GBP3005 HDSEMI-GBP3005 Datasheet
1Mb / 3P
GBP Plastic-Encapsulate Bridge Rectifier
GBP4005 HDSEMI-GBP4005 Datasheet
1Mb / 3P
GBP Plastic-Encapsulate Bridge Rectifier
KBU6005 HDSEMI-KBU6005 Datasheet
1Mb / 3P
KBU Plastic-Encapsulate Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com