Electronic Components Datasheet Search
  English  ▼

X  

3869 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3869
Description  100" × .100" Latch/Ejector, Straight and Right Angle
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3869 Datasheet(HTML) 2 Page - 3M Electronics

  3869 Datasheet HTML 1Page - 3M Electronics 3869 Datasheet HTML 2Page - 3M Electronics 3869 Datasheet HTML 3Page - 3M Electronics 3869 Datasheet HTML 4Page - 3M Electronics 3869 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Four-Wall Header
.100" × .100" Latch/Ejector, Straight and Right Angle
3000 Series
TS-0772-P
Sheet 2 of 4
.424 ± .010
[ 10.77 ]
.573 ± .010
[ 14.55 ]
.08
[2.0]
.97 Ref
[24.6]
.08
[2.0]
.37 Ref
[9.4]
.46 Ref
[11.7]
1.07 Ref
[27.2]
F Typ
Section A-A
(Straight)
Dim. E
.30
[7.6]
.24
[6.1]
.025 ± .002 Sq Typ
[ 0.64 ]
CL
“Y”
.100
2.54 REF.
B
.25
6.4
.34
8.6
.28
7.1
D
.100
2.54 REF.
POSITION #1
.020
0.51
.13
3.3
2X O .100 [2.54]
SEE NOTE #2
.025 ± .002 Sq Typ
[ 0.64 ]
.24
[6.1]
.30
[7.6]
F Typ
.049 Ref
[1.24]
.100 Ref
[2.54]
Section B-B
(Right Angle)
“Y”
CL
Dim. E
Position 1
Orientation
Triangle
.21
[5.3]
2X ø .100
[2.54]
(See Note 2)
A
C
.16
[4.1]
Notch C
(See Table 1 & Note 1)
Notch B
(See Table 1)
Notch A
(See Table 1 & Note1)
B
B
.68
[17.3]
.35
[8.9]
.020
[0.51]
A
A
.197
[5.00]
.20
[5.1]
.12
[3.0]
-X0XX
Header without Latch Ejector
-X2XX
Header with
Short Ejector/Latch
for 3M Sockets without
Strain Relief
-X3XX
Header with
Long Ejector/Latch
for 3M Sockets with
Strain Relief
C
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com